Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAM03CCG1E103BU Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KAM03CCG1E103BU
Description  0402 4 V X7T 10uF ±10%
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KAM03CCG1E103BU Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KAM03CCG1E103BU Datasheet HTML 1Page - Kyocera Kinseki Corpotation KAM03CCG1E103BU Datasheet HTML 2Page - Kyocera Kinseki Corpotation KAM03CCG1E103BU Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KAM05CT70G106KH Datasheet
(0402 4 V X7T 10uF ±10%)
Item
Unit
Spec.
Conditions
Capacitance
uF
9 to 11
@ 1 kHz, 0.5 Vrms
DF
%
12.5 max.
@ 1 kHz, 0.5 Vrms
IR
MΩ
5 min.
@ 4 Vdc, t = 60 s
millimetres
inches
L
1 ± 0.2
0.039 ± 0.008
W
0.5 ± 0.2
0.02 ± 0.008
T max.
0.7
0.028
t
0.25 ± 0.1
0.01 ± 0.004
AEC-Q200
Cap.Change [%] vs AC Voltage [VAC]
|Z| & ESR [Ohm] vs Frequency [Hz]
Phase Angle [°] vs Frequency [Hz]
Cap.Change [%] vs DC Voltage [VDC]
S21 [dB] (50Ω, shunt) vs Freq. [Hz]
To download data and
simulation models visit:
Basic Specifications
Dimensions
Cap.Change [%] vs Temperature [°C]
-55°C to +125°C
X7T
Yes
Operating Temperature
Dielectric
Product Level
RoHS Compliant
Electrical Characteristics
Termination
Sn
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9 1E+10
ESR
|Z|
Fres = 3.34E+6 Hz ~ ESR = 8.4E-3
Ω
-80
-70
-60
-50
-40
-30
-20
-10
0
1E+2 1E+3 1E+4 1E+5 1E+6 1E+7 1E+8 1E+9 1E+10
-135
-90
-45
0
45
90
1E+2 1E+3 1E+4 1E+5 1E+6 1E+7 1E+8 1E+9 1E+10
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
-35
-30
-25
-20
-15
-10
-5
0
5
10
-55
-25
5
35
65
95
125
1 kHz, 0.1 Vrms
-30
-25
-20
-15
-10
-5
0
5
0
0.2
0.4
0.6
0.8
1
1 kHz
[Hz]
[Hz]
[Hz]
[VAC]
[VDC]
[°C]
Updated: 07.02.2023.
© KYOCERA AVX
Page: 1 of 3.


Similar Part No. - KAM03CCG1E103BU

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KAM03CCG1E103BH KSS-KAM03CCG1E103BH Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KAM03CCG1E103BH KSS-KAM03CCG1E103BH Datasheet
430Kb / 3P
0402 6.3 V X7T 4.7uF ±10%
07.02.2023.
KAM03CCG1E103BL KSS-KAM03CCG1E103BL Datasheet
430Kb / 3P
0402 6.3 V X7T 4.7uF ±10%
07.02.2023.
KAM03CCG1E103BM KSS-KAM03CCG1E103BM Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KAM03CCG1E103BM KSS-KAM03CCG1E103BM Datasheet
430Kb / 3P
0402 6.3 V X7T 4.7uF ±10%
07.02.2023.
More results

Similar Description - KAM03CCG1E103BU

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
13469 VICOR-13469 Datasheet
32Kb / 1P
CAPACITOR, ALEL, RADIAL, 10uF, -20%, 450V
20641 VICOR-20641 Datasheet
23Kb / 1P
CAP., SOLID TANTALUM 10uF, 20%, 25V
logo
Murata Manufacturing Co...
GRM32DR61E106K MURATA-GRM32DR61E106K Datasheet
61Kb / 1P
Chip Monolithic Ceramic Capacitor 1210 X5R 10uF 25V
logo
Kemet Corporation
C0402C106M7PACTU KEMET-C0402C106M7PACTU Datasheet
71Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-20% Tol, 4 V, X5R, 0402 (1005 metric)
C0402C333K8RACTU KEMET-C0402C333K8RACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 10 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C473K8PACTU KEMET-C0402C473K8PACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C104K8PACTU KEMET-C0402C104K8PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C225K7PACTU KEMET-C0402C225K7PACTU Datasheet
71Kb / 1P
SMD Comm X5R, Ceramic, 2.2 uF, 10%, 4 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C0402C223K8PACTU KEMET-C0402C223K8PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C473K8NACTU KEMET-C0402C473K8NACTU Datasheet
71Kb / 1P
Ceramic, 150C-(CxxxxC), 0.047 uF, 10%, 10 V, 0402, X8L, SMD, MLCC, High Temperature, Temperature Stable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com