Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7265 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7265
Description  25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7265_V01 Datasheet HTML 3Page - STMicroelectronics TDA7265_V01 Datasheet HTML 4Page - STMicroelectronics TDA7265_V01 Datasheet HTML 5Page - STMicroelectronics TDA7265_V01 Datasheet HTML 6Page - STMicroelectronics TDA7265_V01 Datasheet HTML 7Page - STMicroelectronics TDA7265_V01 Datasheet HTML 8Page - STMicroelectronics TDA7265_V01 Datasheet HTML 9Page - STMicroelectronics TDA7265_V01 Datasheet HTML 10Page - STMicroelectronics TDA7265_V01 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
COMPONENTS
RECOMMENDED
VALUE
PURPOSE
LARGER THAN
RECOMMENDED VALUE
SMALLER THAN
RECOMMENDED VALUE
R1
10K
Ω
Mute Circuit
Increase of Dz
Biasing Current
R2
15K
Ω
Mute Circuit
Vpin # 5 Shifted Downward
Vpin # 5 Shifted Upward
R3
18K
Ω
Mute Circuit
Vpin # 5 Shifted Upward
Vpin # 5 Shifted Downward
R4
15K
Ω
Mute Circuit
Vpin # 5 Shifted Upward
Vpin # 5 Shifted Downward
R5, R8
18K
Ω
Closed Loop Gain
Setting (*)
Increase of Gain
R6, R9
560
Ω
Decrease of Gain
R7, R10
4.7
Ω
Frequency Stability
Danger of Oscillations
Danger of Oscillations
C1, C2
1
µF
Input DC
Decoupling
Higher Low Frequency
Cutoff
C3
1
µF
St-By/Mute Time
Constant
Larger On/Off Time
Smaller On/Off Time
C4, C6
1000
µF
Supply Voltage
Bypass
Danger of Oscillations
C5, C7
0.1
µF
Supply Voltage
Bypass
Danger of Oscillations
C8, C9
0.1
µF
Frequency Stability
Dz
5.1V
Mute Circuit
Q1
BC107
Mute Circuit
(*) Closed loop gain has to be => 25dB
APPLICATIONS SUGGESTION
(Demo Board Schematic)
The recommended values of the external compo-
nents are those shown are the demo board sche-
matic different values can be used: the following
table can help the designer.
MUTE, STAND-BY TRUTH TABLE
SW1
SW2
B
A
STAND-BY
B
B
STAND-BY
A
A
MUTE
A
B
PLAY
TDA7265
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com