Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7265 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7265
Description  25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7265 Datasheet HTML 3Page - STMicroelectronics TDA7265 Datasheet HTML 4Page - STMicroelectronics TDA7265 Datasheet HTML 5Page - STMicroelectronics TDA7265 Datasheet HTML 6Page - STMicroelectronics TDA7265 Datasheet HTML 7Page - STMicroelectronics TDA7265 Datasheet HTML 8Page - STMicroelectronics TDA7265 Datasheet HTML 9Page - STMicroelectronics TDA7265 Datasheet HTML 10Page - STMicroelectronics TDA7265 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BRIDGE APPLICATION
Another application suggestion concerns the
BRIDGE configuration, where the two power am-
plifiers are connected as shown by the schematic
diagram of figure. 18.
This application shows, however, some operative
limits due to dissipation and current capability of
the output stage. For this reason, we reccomend
to use the TDA7265 in bridge with the supply volt-
age equal/lower than
±16V when the load is 8Ω;
with higher loads (i.e.16
Ω), the amplifier can work
correctly in the whole supply voltage range.
The detected characteristics of T.H.D. vs Pout
and Frequency Response are shown in fig.19 and
fig.20.
With R1=8
Ω, Vs=+/-16V the maximum output
power obtainable is 50W at T.D.H.=10%.
The quiescent current remains unchanged with
respect to the stereo configuration (~80mA as
typical at Vs=+/-16V).
The last point to take into consideration concerns
the short-circuit protection. As for the stereo appli-
cation, the TDA7265 is fully protected against any
kind of short-circuit ( between Out/Gnd, Out/+Vs
and Out/-Vs).
Figure 19: Distortion vs. Output Power
Figure 20: Frequency Response of the Bridge Ap-
plications
1
µF
ST-BY/
MUTE
1
µF
R5 4.7
Ω
R6
4.7
Ω
C7
0.1
µF
C9
0.1
µF
C5
0.1
µF
C4
1000
µF
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU190
RL
R2
560
Ω
R1
36K
Ω
8
10
1
R4
560
Ω
R3
36K
Ω
C1
IN
C2
C3
0.1
µF
C6
1000
µF
-VS
C8
5.6nF
Figure 18: Bridge Application Circuit
TDA7265
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com