Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7293HS Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7293HS
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293HS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7293HS Datasheet HTML 8Page - STMicroelectronics TDA7293HS Datasheet HTML 9Page - STMicroelectronics TDA7293HS Datasheet HTML 10Page - STMicroelectronics TDA7293HS Datasheet HTML 11Page - STMicroelectronics TDA7293HS Datasheet HTML 12Page - STMicroelectronics TDA7293HS Datasheet HTML 13Page - STMicroelectronics TDA7293HS Datasheet HTML 14Page - STMicroelectronics TDA7293HS Datasheet HTML 15Page - STMicroelectronics TDA7293HS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Applications information
TDA7293
12/21
Doc ID 6744 Rev 8
4.4
Modular application (ref. figure 12)
The modular application is where several devices operate in parallel.
The modular application allows very high power be delivered to very low-impedance loads.
In this type of application one device acts as a master and the others as slaves.
The slave power stages are driven by the master device and work in parallel together while
the input and the gain stages of the slave devices are disabled. The figure below shows the
connections required to configure two devices to work together.
The master chip connections are the same as the normal single ones.
The outputs can be connected together without the need of any ballast resistor.
The slave SGND pin must be tied to the negative supply.
The slave STANDBY and MUTE pins must be connected to the master STANDBY and
MUTE pins.
The bootstrap lines must be connected together and the bootstrap capacitor must be
increased: for N devices the bootstrap capacitor must be 22 µF times N.
The slave IN pin must be connected to the negative supply.
4.5
Bootstrap capacitor
For compatibility purpose with the previous devices of the family, the bootstrap capacitor can
be connected either between the bootstrap pin (6) and the output pin (14) or between the
bootstrap pin (6) and the bootstrap loader pin (12).
When the bootstrap is connected between pins 6 and 14 the maximum supply voltage in the
presence of an output signal is limited to 100 V, due the bootstrap capacitor overvoltage.
When the bootstrap is connected between pins 6 and 12 the maximum supply voltage
extends to the full voltage that the technology can stand, in this case 120 V.
This is accomplished by the clamp introduced at the bootstrap loader pin (12). This pin
follows the output voltage up to 100 V and remains clamped at 100 V for higher output
voltages.
This feature lets the output voltage swing up to a gate-source voltage from the positive
supply (VS -3 to 6 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com