Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7296 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7296
Description  70 V-60 W DMOS audio amplifier with mute/ST-BY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7296 Datasheet HTML 15Page - STMicroelectronics TDA7296 Datasheet HTML 16Page - STMicroelectronics TDA7296 Datasheet HTML 17Page - STMicroelectronics TDA7296 Datasheet HTML 18Page - STMicroelectronics TDA7296 Datasheet HTML 19Page - STMicroelectronics TDA7296 Datasheet HTML 20Page - STMicroelectronics TDA7296 Datasheet HTML 21Page - STMicroelectronics TDA7296 Datasheet HTML 22Page - STMicroelectronics TDA7296 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
10.1
Multiwatt 15 leads package information
Figure 24. Multiwatt 15 leads package outline
PACKAGE : P017-B
N1
L7
=
=
G
N
Diam.1
Diam.2
L4
L3
R1
S1
S
H2
V
A
D
L1
L
L2
Q
V
V
C
V
R
R
MULTIWATT15 LEADSVERTICALFORM
TDA7296
Package information
DS0179 - Rev 11
page 19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com