Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7297 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7297
Description  1515W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7297_V01 Datasheet HTML 1Page - STMicroelectronics TDA7297_V01 Datasheet HTML 2Page - STMicroelectronics TDA7297_V01 Datasheet HTML 3Page - STMicroelectronics TDA7297_V01 Datasheet HTML 4Page - STMicroelectronics TDA7297_V01 Datasheet HTML 5Page - STMicroelectronics TDA7297_V01 Datasheet HTML 6Page - STMicroelectronics TDA7297_V01 Datasheet HTML 7Page - STMicroelectronics TDA7297_V01 Datasheet HTML 8Page - STMicroelectronics TDA7297_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
2
3
4
5
6
7
9
10
11
8
N.C.
N.C.
S-GND
PW-GND
ST-BY
MUTE
N.C.
IN1
VCC
OUT1-
OUT1+
13
14
15
12
OUT2+
OUT2-
VCC
IN2
D95AU261
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
20
V
IO
Output Peak Current (internally limited)
2
A
Ptot
Total Power Dissipation (Tcase = 70
°C)
33
W
Top
Operating Temperature
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to +150
°C
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction to case
Typ. 1.4
Max. 2
°C/W
ELECTRICAL CHARACTERISTICS (VCC = 16.5V, RL = 8
Ω, f = 1kHz, Tamb = 25°C unless otherwise
specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Supply Range
6.5
18
V
Iq
Total Quiescent Current
RL =
∞
50
65
mA
VOS
Output Offset Voltage
120
mV
PO
Output Power
THD = 10%
13
15
W
THD
Total Harmonic Distortion
PO = 1W
0.1
0.3
%
PO = 0.1W to 5W
f = 100Hz to 15kHz
1%
SVR
Supply Voltage Rejection
f = 100Hz VR = 0.5V
40
56
dB
CT
Crosstalk
46
60
dB
AMUTE
Mute Attenuation
60
80
dB
TW
Thermal Threshold
150
°C
GV
Closed Loop Voltage Gain
31
32
33
dB
∆Gv
Voltage Gain Matching
0.5
dB
Ri
Input Resistance
25
30
K
Ω
TDA7297
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com