Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7297 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7297
Description  1515W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7297 Datasheet HTML 1Page - STMicroelectronics TDA7297 Datasheet HTML 2Page - STMicroelectronics TDA7297 Datasheet HTML 3Page - STMicroelectronics TDA7297 Datasheet HTML 4Page - STMicroelectronics TDA7297 Datasheet HTML 5Page - STMicroelectronics TDA7297 Datasheet HTML 6Page - STMicroelectronics TDA7297 Datasheet HTML 7Page - STMicroelectronics TDA7297 Datasheet HTML 8Page - STMicroelectronics TDA7297 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
0.01 0
0.1
1
10
0.1
1
10
20
TH D(%)
Vc c = 1 6.5V
R l = 8 ohm
f = 15 KH z
f = 5KHz
f = 1KHz
P out (W )
Figure 4: Distortion vs Output Power
0.010
0.1
1
10
0.1
1
10
THD(% )
Vcc = 12 V
Rl = 8 o hm
f = 1 5 KHz
f = 5 KHz
f = 1 KHz
Pou t (W )
Figure 5: Distortion vs Output Power
0.010
0.1
1
10
100
1k
10k
20k
THD(% )
V cc = 16.5 V
Rl = 8 o hm
P o ut = 100m W
Po ut = 5 W
fre q ue n c y (H z)
Figure 6: Distortion vs Frequency
-5.00 0
-4.00 0
-3.00 0
-2.00 0
-1.00 0
0.0
1.00 0 0
2.00 0 0
3.00 0 0
4.00 0 0
5.00 0 0
10
10 0
1k
10 k
10 0 k
Le ve l(d B r)
fre q ue nc y (Hz )
V cc = 16.5V
R l = 8 ohm
Po u t = 1 W
Figure 7: Frequency Respone
0.0
2.00 00
4.00 00
6.00 00
8.00 00
10 .0 00
12 .0 00
14 .0 00
16 .0 00
18 .0 00
20 .0 00
6.0 00 7.0 00 8.0 00 9.0 00 10.00 11 .00 12.00 13.00 14.00 15 .00 16.00 17 .00 18.00
Po(W )
Vs(V )
R l = 8 ohm
f = 1KHz
d = 10 %
d = 1%
Figure 8: Output Power vs Supply Voltage
01
23
456
789
10 11 12 13 14 15 16
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Ptot(W)
µ(%)
2XPout(W)
Vcc = 16.5V
Rl = 8ohm (both channels)
f = 1KHz
P tot
µ
Figure 9: Total Power Dissipation & Efficiency vs
Output Power
TDA7297
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com