Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7491HV_V01 Datasheet HTML 35Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 36Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 37Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 38Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 39Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 40Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 41Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 42Page - STMicroelectronics TDA7491HV_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
8.9
Heatsink requirements
Due to the high efficiency of the class-D amplifier a 2-layer PCB can easily provide the heatsinking capability for
low to medium power outputs. Using such a PCB with a copper ground layer of 3x3 cm2 and 16 vias connecting it
to the contact area for the exposed pad, a thermal resistance, junction-to-ambient (in natural air convection), of 24
°C/W can be achieved.
The dissipated power within the device depends primarily on the supply voltage, load impedance and output
modulation level. With the TDA7491HV driving 2 x 8 Ω with a supply of 18 V then the device dissipation is
approximately 4 W that gives with the above mentioned PCB a junction temperature rise of about 90 °C.
With a musical program, the dissipated power is about 40% less than the above maximum value. This leads to
a junction temperature increase of around 60 °C. So even at the maximum recommended ambient temperature
there is a margin of safety before the maximum junction temperature is reached.
Figure below shows the derating curves for copper areas of 4 cm2 and 9 cm2.
Figure 59. Power derating curves for PCB used as heatsink
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Pd (W)
Tamb ( °C)
Copper Area 2x2 cm
and via holes
TDA7491HV
PSSO-36
Copper Area 3x3 cm
and via holes
TDA7491HV
Heatsink requirements
DS5624 - Rev 10
page 39/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com