Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491MV Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7491MV
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7491MV Datasheet HTML 16Page - STMicroelectronics TDA7491MV Datasheet HTML 17Page - STMicroelectronics TDA7491MV Datasheet HTML 18Page - STMicroelectronics TDA7491MV Datasheet HTML 19Page - STMicroelectronics TDA7491MV Datasheet HTML 20Page - STMicroelectronics TDA7491MV Datasheet HTML 21Page - STMicroelectronics TDA7491MV Datasheet HTML 22Page - STMicroelectronics TDA7491MV Datasheet HTML 23Page - STMicroelectronics TDA7491MV Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Application information
TDA7491MV
20/28
DocID14576 Rev 4
7
Application information
7.1
Mode selection
The three operating modes of the TDA7491MV are set by the two inputs STBY (pin 20) and
MUTE (pin 21).
Standby mode: all circuits are turned off, very low current consumption.
Mute mode: inputs are connected to ground and the positive and negative PWM
outputs are at 50% duty cycle.
Play mode: the amplifiers are active.
The protection functions of the TDA7491MV are realized by pulling down the voltages of the
STBY and MUTE inputs shown in Figure 19. The input current of the corresponding pins
must be limited to 200 µA.
Figure 19. Standby and mute circuits
Figure 20. Turn-on/off sequence for minimizing speaker “pop”
Table 7. Mode settings
Mode Selection
STBY
MUTE
Standby
L (1)
1.
Drive levels defined in Table 5: Electrical specifications on page 8
X (don’t care)
Mute
H (1)
L
Play
H
H
STBY
MUTE
0 V
3.3 V
C7
2.2 µF
R2
30 k
Standby
0 V
3.3 V
C15
2.2 µF
R4
30 k
Mute
TDA7491MV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com