Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491MV13TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7491MV13TR
Description  25 W mono BTL class-D audio amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491MV13TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7491MV13TR Datasheet HTML 17Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 18Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 19Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 20Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 21Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 22Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 23Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 24Page - STMicroelectronics TDA7491MV13TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID14576 Rev 4
21/28
TDA7491MV
Application information
28
7.2
Gain setting
The gain of the TDA7491MV is set by the two inputs, GAIN0 (pin 30) and GAIN1 (pin 31).
Internally, the gain is set by changing the feedback resistors of the amplifier.
7.3
Input resistance and capacitance
The input impedance is set by an internal resistor Ri = 60 k
 (typical). An input capacitor
(Ci) is required to couple the AC input signal.
The equivalent circuit and frequency response of the input components are shown in
Figure 21. For Ci = 220 nF the high-pass filter cut-off frequency is below 20 Hz:
fc = 1 / (2 *
 * Ri * Ci)
Figure 21. Device input circuit and frequency response
Table 8. Gain settings
GAIN0
GAIN1
Nominal gain, Gv (dB)
00
20
01
26
10
30
11
32
Ri
Input
Ci
Rf
Input
pin
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com