Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492PE Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7492PE
Description  45 W 45 W dual BTL class-D audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7492PE Datasheet HTML 1Page - STMicroelectronics TDA7492PE Datasheet HTML 2Page - STMicroelectronics TDA7492PE Datasheet HTML 3Page - STMicroelectronics TDA7492PE Datasheet HTML 4Page - STMicroelectronics TDA7492PE Datasheet HTML 5Page - STMicroelectronics TDA7492PE Datasheet HTML 6Page - STMicroelectronics TDA7492PE Datasheet HTML 7Page - STMicroelectronics TDA7492PE Datasheet HTML 8Page - STMicroelectronics TDA7492PE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2
Pin description
2.1
Pinout
Figure 2. Pin connections (top view)
S UB_GND
OUTP B
OUTP B
P GNDB
P GNDB
P VC CB
P VC CB
OUTNB
OUTNB
OUTNA
OUTNA
P VC CA
INNB
P VC CA
P GNDA
P GNDA
OUTP A
OUTP A
P GND
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VS S
S VCC
VRE F
INP B
GAIN
P LIMIT
S VR
DIAG
S GND
VDDS
S YNCLK
13
14
15
16
17
18
24
ROS C
23
INNA
22
INP A
21
MUTE
20
S TBY
19
VDDP W
Exposed pad down
(Connected to ground )
EP
TDA7492PE
Pin description
DS10652 - Rev 3
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com