Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492P13TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7492P13TR
Description  25 W 25 W dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P13TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7492P13TR Datasheet HTML 17Page - STMicroelectronics TDA7492P13TR Datasheet HTML 18Page - STMicroelectronics TDA7492P13TR Datasheet HTML 19Page - STMicroelectronics TDA7492P13TR Datasheet HTML 20Page - STMicroelectronics TDA7492P13TR Datasheet HTML 21Page - STMicroelectronics TDA7492P13TR Datasheet HTML 22Page - STMicroelectronics TDA7492P13TR Datasheet HTML 23Page - STMicroelectronics TDA7492P13TR Datasheet HTML 24Page - STMicroelectronics TDA7492P13TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID15068 Rev 6
21/27
TDA7492P
Applications information
27
6.5
Output low-pass filter
To avoid EMI problems, it may be necessary to use a low-pass filter before the speaker. The
cutoff frequency should be larger than 22 kHz and much lower than the output switching
frequency. It is necessary to choose the L-C component values depending on the loud
speaker impedance. Some typical values, which give a cutoff frequency of 27 kHz, are
shown in Figure 25 and Figure 26 below.
Figure 25. Typical LC filter for a 8
 speaker
Figure 26. Typical LC filter for a 4
 speaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com