Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV10-40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYV10-40
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV10-40 Datasheet(HTML) 1 Page - STMicroelectronics

  BYV10-40 Datasheet HTML 1Page - STMicroelectronics BYV10-40 Datasheet HTML 2Page - STMicroelectronics BYV10-40 Datasheet HTML 3Page - STMicroelectronics BYV10-40 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
BYV 10- 40
SMALL SIGNAL SCHOTTKY DIODES
DESCRIPTION
Metal to silicon rectifier diodes in glass case featu-
ring very low forward voltage drop and fast recovery
time, intended for low voltage switching mode
power supply, polarity protection and high fre-
quency circuits.
August 1998 Ed : 1A
DO 41
(Glass)
Symbol
Parameter
Value
Unit
IF(AV)
Average Forward Current*
Tamb = 60
°C
1A
IFSM
Surge non Repetitive Forward Current
Tamb = 25
°C
tp = 10ms
25
Sinusoidal Pulse
A
Tamb = 25
°C
tp = 300
µs
50
Rectangular Pulse
Tstg
Tj
Storage and Junction Temperature Range
- 65 to + 150
- 65 to + 125
°C
°C
TL
Maximum Lead Temperature for Soldering during 10s at 4mm
from Case
230
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
BYV 10-40
Unit
VRRM
Repetitive Peak Reverse Voltage
40
V
* On infinite heatsink with 4mm lead length
Symbol
Test Conditions
Value
Unit
Rth(j-a)
Junction-ambient*
110
°C/W
* On infinite heatsink with 4mm lead length
THERMAL RESISTANCE
1/4


Similar Part No. - BYV10-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV10-40 PHILIPS-BYV10-40 Datasheet
20Kb / 4P
Schottky barrier diodes
1996 May 13
logo
New Jersey Semi-Conduct...
BYV10-40 NJSEMI-BYV10-40 Datasheet
39Kb / 1P
Schottky Barrier Diodes
logo
List of Unclassifed Man...
BYV10-40 ETC2-BYV10-40 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BYV10-40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com