Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA636 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA636
Description  Ultra Small, Low Power, 4 Data Lane, 2:1 Switch for MIPI, SuperSpeed USB, PCIe and DisplayPort
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA636 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA636 Datasheet HTML 1Page - ON Semiconductor FSA636 Datasheet HTML 2Page - ON Semiconductor FSA636 Datasheet HTML 3Page - ON Semiconductor FSA636 Datasheet HTML 4Page - ON Semiconductor FSA636 Datasheet HTML 5Page - ON Semiconductor FSA636 Datasheet HTML 6Page - ON Semiconductor FSA636 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FSA636
www.onsemi.com
4
Figure 4. Suggested Configuration for 3 Lane C−PHY
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D1B
D2B
D3B
D4B
D5B
D6B
D7B
D8B
D9B
D10B
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
/OE
SEL
GND
VCC
FSA 636
1A
1B
1C
2B
2C
2A
3B
3C
3A
AP
1.5V – 5.0V DC
1A
1B
2A
2B
2C
1C
3B
3A
3C
1A
1B
2A
2B
2C
1C
3B
3A
3C
TRUTH TABLE
SEL
/OE
Function
LOW
LOW
Dn = DnA
HIGH
LOW
Dn = DnB
X
HIGH
All Ports High Impedance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
−0.5
6.0
V
VCNTRL
DC Input Voltage (/OE, SEL) (Note 1)
−0.5
VCC
V
VSW
DC Switch I/O Voltage (Note 1, 2)
−0.3
2.1
V
IIK
DC Input Diode Current
−50
mA
IOUT
DC Output Current
25
mA
TSTG
Storage Temperature
−65
+150
°C
ESD
Human Body Model, JEDEC: JESD22−A114
All Pins
2.0
kV
Charged Device Model, JEDEC: JESD22−C101
0.5
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2. VSW refers to analog data switch paths.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com