Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4148 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD4148
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD4148 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD4148 Datasheet HTML 1Page - ON Semiconductor MMBD4148 Datasheet HTML 2Page - ON Semiconductor MMBD4148 Datasheet HTML 3Page - ON Semiconductor MMBD4148 Datasheet HTML 4Page - ON Semiconductor MMBD4148 Datasheet HTML 5Page - ON Semiconductor MMBD4148 Datasheet HTML 6Page - ON Semiconductor MMBD4148 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMBD4148 / MMBD4148SE / MMBD4148CC / MMBD4148CA Rev. 1.1.0
November 2014
MMBD4148 / MMBD4148SE / MMBD4148CC /
MMBD4148CA
Small Signal Diode
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Packing Method
MMBD4148
5H
SOT-23 3L
Tape and Reel
MMBD4148_D87Z
5H
SOT-23 3L
Tape and Reel
MMBD4148SE
D4
SOT-23 3L
Tape and Reel
MMBD4148CC
D5
SOT-23 3L
Tape and Reel
MMBD4148CA
D6
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
100
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-Repetitive Peak Forward
Surge Current
Pulse Width = 1.0 second
1.0
A
Pulse Width = 1.0 microsecond
2.0
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
150
°C
Connection Diagram
3
1
2
1
2
3
SOT-23
3
1
2
3
1
2
1
3
4148
4148SE
4148CA
4148CC
2NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com