Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV1040 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYV1040
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV1040 Datasheet(HTML) 2 Page - STMicroelectronics

  BYV1040 Datasheet HTML 1Page - STMicroelectronics BYV1040 Datasheet HTML 2Page - STMicroelectronics BYV1040 Datasheet HTML 3Page - STMicroelectronics BYV1040 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Tj = 25
°C
VR = VRRM
0.5
mA
Tj = 100
°C
10
VF *IF = 1A
Tj = 25
°C
0.55
V
IF = 3A
0.85
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj = 25
°C
VR = 0
220
pF
DYNAMIC CHARACTERISTICS
* Pulse test: tp
≤ 300µs δ < 2%.
Forward current flow in a Schottky rectifier is due to
majority carrier conduction. So reverse recovery is
not affected by stored charge as in conventional PN
junction diodes.
Nevertheless, when the device switches from for-
ward biased condition to reverse blocking state,
current is required to charge the depletion capaci-
tance of the diode.
This current depends only of diode capacitance and
external circuit impedance. Satisfactory circuit be-
haviour analysis may be performed assuming that
Schottky rectifier consists of an ideal diode in pa-
rallel with a variable capacitance equal to the junc-
tion capacitance (see fig. 5 page 4/4).
2/4
Fig.1 : Forward current versus forward
voltage at low level (typical values).
Fig.2 : Forward current versus forward
voltage at high level (typical values).
BYV 10-40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com