Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1664020 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1664020
Description  CUC-IB3G-J1ST-AT/R4T - Filtered RJ45 PCB connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1664020 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1664020 Datasheet HTML 1Page - PHOENIX CONTACT 1664020 Datasheet HTML 2Page - PHOENIX CONTACT 1664020 Datasheet HTML 3Page - PHOENIX CONTACT 1664020 Datasheet HTML 4Page - PHOENIX CONTACT 1664020 Datasheet HTML 5Page - PHOENIX CONTACT 1664020 Datasheet HTML 6Page - PHOENIX CONTACT 1664020 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Cable/line
Halogen-free
yes
Flame resistance
UL 94 V0
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 750
Insertion force
< 20 N
Withdrawal force
< 20 N
Environmental and real-life conditions
Test specification
Specification
IEC 60603-7
Ambient conditions
Degree of protection (when plugged in)
IP20
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Standards and regulations
Flame resistance
UL 94 V0
Mounting
Mounting type
THT wave
Processing notes
Classification temperature Tc
260 °C
Packaging specifications
Type of packaging
Tray
CUC-IB3G-J1ST-AT/R4T - Filtered RJ45 PCB
connectors
1664020
https://www.phoenixcontact.com/us/products/1664020
Oct 16, 2025, 12:49AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com