Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1664070 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1664070
Description  CUC-IA5M-J1ST-AB/R4T - RJ45 PCB connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1664070 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1664070 Datasheet HTML 1Page - PHOENIX CONTACT 1664070 Datasheet HTML 2Page - PHOENIX CONTACT 1664070 Datasheet HTML 3Page - PHOENIX CONTACT 1664070 Datasheet HTML 4Page - PHOENIX CONTACT 1664070 Datasheet HTML 5Page - PHOENIX CONTACT 1664070 Datasheet HTML 6Page - PHOENIX CONTACT 1664070 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Data connector (device side)
Number of positions
8
Connection profile
RJ45
Housing shield springs
No
Number of slots
1
Shielded
yes
Insulation characteristics
Overvoltage category
I
Degree of pollution
2
Electrical properties
Rated surge voltage
1.5 kV
Rated current
0.5 A
Insulation resistance
> 500 MΩ
Transmission speed
100 Mbps
Transmission speed
10/100 Mbps
Signaling
Status display present
no
Dimensions
Width
15.9 mm
Height
17.13 mm
Length
21.35 mm
Installed height
13.63 mm
Orientation to PCB
90.00 °
Data pin length
3.50 mm
Material specifications
Material Metal surface contact area (top layer)
Au (0.762 μm/30 μ")
Material Metal surface contact area (middle layer)
Ni (1,270 µm min / 50 µ" min)
Material Metal surface soldering area (middle layer)
Ni (1,016 µm min / 40 µ" min)
Material Metal surface soldering area (top layer)
Sn (3,048 µm min / 120 µ" min)
Copper alloy (Housing (shielding))
Material
Ni (0.762 µm min / 30 µ" min) (Housing shielding (top layer))
Material Contact
Phosphor bronze
Material
LCP (Housing (female/insert))
Cable/line
Halogen-free
yes
CUC-IA5M-J1ST-AB/R4T - RJ45 PCB connector
1664070
https://www.phoenixcontact.com/us/products/1664070
Oct 16, 2025, 12:54AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com