Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30046. Datasheet(PDF) 1 Page - Santronics Inc

Part # 30046.
Description  Moisture Barrier Bag Dri-Shield® 3000
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

30046. Datasheet(HTML) 1 Page - Santronics Inc

  30046. Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This foil moisture barrier bag provides protection for ESD sensitive
and moisture sensitive electronics, typically SMT (Surface Mount
Technology) items. Best practice is to use with Desiccant and a
Humidity Indicator Card. A nylon layer helps to strengthen the bag.
The bags are heat sealable and suitable for vacuum packaging.
Bags are printed with ESD protective and moisture sensitive warning
symbols, and a lot code for traceability.
SCS Moisture Barrier Bags Dri-Shield® 3000 are manufactured from
a laminate of nylon, foil, and polyethylene. The metal layer provides
discharge shielding and minimizes the penetration of electric fields
and electrostatic discharges.
DRAWING
NUMBER
Dri-Shield® 3000
DATE
September
2019
© 2019 DESCO INDUSTRIES INC
Employee Owned
DRI-SHIELD® 3000 MOISTURE BARRIER BAG
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000
Moisture Barrier Bag Dri-Shield® 3000
Specifications and procedures subject to change without notice.
Made in the United States of America with Globally Sourced Materials.
Bag is free of amines, silicones and heavy metals.
This product is intended for commercial use only. This product is not on the Qualified Product
Listing under the Defense Standardization Program.
Open Top Bag
ZipTop Bag
Tolerance (inches): Width -0, +0.250 Length +/- 0.125 Offset O to 0.250
Seal width +/- 0.125
Meets ANSI/ESD S20.20, Packaging standard ANSI/ESD S541,
Static Control Bag ANSI/ESD S11.4 Level 1, and IPC/JEDEC J-STD-033.
Physical
Typical Value
Testing Method
Moisture Vapor
Transmission Rate
(MVTR)
< 0.0003 grams/100 sq. in./24 hrs
< 0.002 grams/100 sq. in./24hrs
ASTM F1249
ASTM F392 condition E and
ASTM F2149
Tensile Strength
3800 PSI, 26 MPa
ASTM D882
Puncture Resistance
16 lbs, 71 N
MIL-STD-3010C Method 2065
Seal Strength
15 lbs, 66 N
ASTM D882
Thickness
6 mils, 0.006" +/-10%
MIL-STD-3010C Method 1003
Marking Adhesion
Pass
IPC-TM-650 2.4.1
Electrical
Typical Value
Testing Method
ESD Shielding
<10 nJ
ANSI/ESD STM11.31
Surface Resistance -
Interior
1 x 104 to < 1 x 1011 ohms
ANSI/ESD STM11.11
Surface Resistance -
Exterior
1 x 104 to < 1 x 1011 ohms
ANSI/ESD STM11.11
EMI Attenuation
45 dB
1 to 10 GHz
Cleanliness
Typical Value
Testing Method
Silicone
Not Detected
FTIR
Heat Sealing Conditions Typical Value
Temperature
400°F, 204°C
Time
0.6 – 4.5 seconds
Pressure
30 – 70 PSI, 206 – 482 KPa
Tolerance: Width -0, +1/4"
Length +/- 1/8" Offset 0 to 1/4"
Seal width 3/8" with a tolerance of +/- 1/8"
Note: Standard bag markings shown
above are not to scale.
NOTE: The complete dry package concept of packaging for electronics requires three elements:
Moisture Barrier Bags - To Protect
Desiccants - To Absorb Moisture
Humidity Indicator Cards - To Monitor Performance
SCS Moisture Barrier Bags are packaged in a polyethylene bag.
RoHS, REACH, and Conflict Minerals Statement
See the Desco Industries RoHS, REACH, and Conflict Minerals Statement:
DescoIndustries.com/ROHS3.aspx
See the SCS Limited Warranty:
StaticControl.DescoIndustries.com/Limited-Warranty.aspx


Similar Part No. - 30046.

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30046 3M-30046 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
National Semiconductor ...
30046-23 NSC-30046-23 Datasheet
4Mb / 247P
Geode??GXLV Processor Series Low Power Integrated x86 Solutions
More results

Similar Description - 30046.

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
Moisture Detector
MO220 EXTECH-MO220 Datasheet
189Kb / 15P
Moisture Meter
MO250 EXTECH-MO250 Datasheet
107Kb / 6P
Moisture Meter
logo
3M Electronics
70068 3M-70068 Datasheet
70Kb / 3P
MOISTURE BARRIER BAG, ALUMINIZED
logo
List of Unclassifed Man...
13868 ETC2-13868 Datasheet
422Kb / 7P
Statshield Moisture Barrier Bags Application Instructions
logo
3M Electronics
70035 3M-70035 Datasheet
261Kb / 2P
3M Moisture Barrier Bag Dri-Shield 2000
logo
Extech Instruments Corp...
MO100 EXTECH-MO100_15 Datasheet
175Kb / 1P
Moisture Meter
logo
Pico Technology Ltd.
3405D PICO-3405D Datasheet
2Mb / 26P
PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
logo
Vishay Siliconix
IHLE-3232DD-5A VISHAY-IHLE-3232DD-5A_V01 Datasheet
305Kb / 7P
IHLE® High Current Inductors With E-Field Shield
17-Feb-2022
logo
SIKA BUILDING TRUST
3000 SIKA-3000 Datasheet
509Kb / 2P
Parex® MICROGOBETIS 3000
January 2022, Version 01.01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com