Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV1060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYV1060
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV1060 Datasheet(HTML) 1 Page - STMicroelectronics

  BYV1060 Datasheet HTML 1Page - STMicroelectronics BYV1060 Datasheet HTML 2Page - STMicroelectronics BYV1060 Datasheet HTML 3Page - STMicroelectronics BYV1060 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
BYV 10-60
SMALL SIGNAL SCHOTTKY DIODE
DESCRIPTION
Metal to silicon rectifier diode in glass case featu-
ring very low forward voltage drop and fast recovery
time, intended for low voltage switching mode
power supply, polarity protection and high fre-
quency circuits.
August 1999 Ed: 1A
DO 41
(Glass)
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
60
V
IF(AV)
Average Forward Current*
Tamb = 25
°C
1A
IFSM
Surge non Repetitive Forward Current
Tamb = 25
°C
tp = 10ms
20
Sinusoidal Pulse
A
Tamb = 25
°C
tp = 300
µs
40
Rectangular Pulse
Tstg
Tj
Storage and Junction Temperature Range
- 65 to + 150
- 65 to + 125
°C
°C
TL
Maximum Lead Temperature for Soldering during 10s at 4mm
from Case
230
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Test Conditions
Value
Unit
Rth(j-a)
Junction-ambient*
110
°C/W
* On infinite heatsink with 4mm lead length
THERMAL RESISTANCE
1/4


Similar Part No. - BYV1060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV10 PHILIPS-BYV10 Datasheet
20Kb / 4P
Schottky barrier diodes
1996 May 13
BYV10-20 PHILIPS-BYV10-20 Datasheet
20Kb / 4P
Schottky barrier diodes
1996 May 13
logo
New Jersey Semi-Conduct...
BYV10-20 NJSEMI-BYV10-20 Datasheet
39Kb / 1P
Schottky Barrier Diodes
logo
NXP Semiconductors
BYV10-30 PHILIPS-BYV10-30 Datasheet
20Kb / 4P
Schottky barrier diodes
1996 May 13
logo
New Jersey Semi-Conduct...
BYV10-30 NJSEMI-BYV10-30 Datasheet
39Kb / 1P
Schottky Barrier Diodes
More results

Similar Description - BYV1060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
Cystech Electonics Corp...
RB715S3 CYSTEKEC-RB715S3 Datasheet
259Kb / 6P
Small Signal Schottky diode
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com