Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS59/6/RGB. Datasheet(PDF) 1 Page - Belden Inc.

Part # PS59/6/RGB.
Description  Belden Cable Strip Tools create a perfect cable prep every time.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PS59/6/RGB. Datasheet(HTML) 1 Page - Belden Inc.

  PS59/6/RGB. Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-800-BELDEN 1 • www.Belden.com
Rev 2
Cable Strip Tools
PS59/6/RGB, PSA59/6, PS11
PS59/6/RGB Cable Strip Tool:
• Preps RG59, RG6 and RGB/mini coaxial cables
• Includes two replacement blade cartridges:
• PSC-RGB (RED) cartridge for 22-24 AWG and 25-26
AWG mini coaxial cables
• PSC59/6/RGB (BLUE) cartridge for RG59/RG6
Prepping Cable has Never Been Easier or More Accurate. Choose from Three Models to Prep RG11 Through
RGB/Mini Coaxial Cables.
Belden Cable Strip Tools
Part Number Description
Blade Cartridge
Part Number
PS59/6/RGB
Cable Strip Tool for RG59, RG6 and RGB/
Mini Coax Cables
PSC-RGB (Red)
PSC59/6/RGB (Blue)
PSA59/6
Cable Strip Tool for RG59, RG6 and RG58
Cables
PSCA59/6
PS11
Cable Strip Tool for RG11 Cable
PSC11
Belden Cable Strip Tools: PS59/6/RGB, PSA59/6 and PS11
Belden Cable Strip Tools create a perfect cable prep every time.
PS59/6/RGB
Features:
• Patented cable stop for perfect 1/4”-1/4“ cable preparation
• No screws, keys or other adjustment pieces to manage
• Integrated rollers ensure the strip tool rolls around the cable to provide a clean, even cut
• Extra replacement blade cartridge is included with every tool purchased
• Lightweight and compact for easy transportation and storage
PSA59/6
PS11
PSA59/6 Cable Strip Tool:
• Preps RG59, RG6 and RG58 cable
• The adjustable dial on the tool provides a
precise cut on any cable
• Integrated side flaring tool for RG6 cable
• Includes an extra PSCA59/6 replacement
blade cartridge
PS11 Cable Strip Tool:
• Preps RG11 cable
• Heavy duty spring provides resistance against
everyday wear and tear
• Offers an easy, consistent, long lasting cable
preparation you can depend on
• Includes an extra PSC11 replacement blade
cartridge


Similar Part No. - PS59/6/RGB.

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
PS5965-0 LEGRAND-PS5965-0  Datasheet
188Kb / 4P
Heavy-Duty MaxGrip® M3 15 & 20A, 125 & 250V
PS5965-GRY LEGRAND-PS5965-GRY Datasheet
188Kb / 4P
Heavy-Duty MaxGrip® M3 15 & 20A, 125 & 250V
PS5965-Y LEGRAND-PS5965-Y Datasheet
188Kb / 4P
Heavy-Duty MaxGrip® M3 15 & 20A, 125 & 250V
PS5969-0 LEGRAND-PS5969-0 Datasheet
188Kb / 4P
Heavy-Duty MaxGrip® M3 15 & 20A, 125 & 250V
PS5969-GRY LEGRAND-PS5969-GRY Datasheet
188Kb / 4P
Heavy-Duty MaxGrip® M3 15 & 20A, 125 & 250V
More results

Similar Description - PS59/6/RGB.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0888080016 MOLEX10-0888080016 Datasheet
271Kb / 6P
28AWG Cable, Notch every 6
logo
List of Unclassifed Man...
413-2646 ETC2-413-2646 Datasheet
28Kb / 1P
Perfect for cutting jackets off a variety of fibre optic cable
logo
Amphenol Corporation
C031-70260 AMPHENOL-C031-70260 Datasheet
128Kb / 1P
MINI BNC CRIMP PLUG BELDEN 8218 CABLE
logo
List of Unclassifed Man...
751-008 ETC2-751-008 Datasheet
10Mb / 64P
Every edding a specialist
logo
Winchester Electronics ...
1203-29-7 WINCHESTER-1203-29-7 Datasheet
79Kb / 1P
FOR USE WITH BELDEN RF 500 CABLE
1203-31-9 WINCHESTER-1203-31-9 Datasheet
98Kb / 1P
FOR USE WITH BELDEN RF 195 CABLE
1203-34-9 WINCHESTER-1203-34-9 Datasheet
69Kb / 1P
FOR USE WITH BELDEN RF 500 CABLE
logo
PANDUIT CORP.
CJAST PANDUIT-CJAST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
logo
Belden Inc.
6600HS BELDEN-6600HS Datasheet
130Kb / 1P
Gepco a Belden Brand, Analog Audio Cable
12-20-2022
6604HS BELDEN-6604HS Datasheet
126Kb / 1P
Gepco a Belden Brand, Analog Audio Cable
12-20-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com