Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350-R1A Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ78350-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350-R1A Datasheet(HTML) 5 Page - Texas Instruments

  BQ78350-R1A_V01 Datasheet HTML 1Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 2Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 3Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 4Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 5Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 6Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 7Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 8Page - Texas Instruments BQ78350-R1A_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
BAT, VAUX, SMBA
1
V
SMBD, SMBC, ALERT, DISP, PRES, KEYIN
5.5
SDATA, GPIO A, GPIO B, LED1...5 (when
used as GPI)
VCC
TOPR
Operating Temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
BQ78350-R1A
UNIT
TSSOP (DBT)
30 PINS
RθJA, High K
Junction-to-ambient thermal resistance
81.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
16.2
RθJB
Junction-to-board thermal resistance
34.1
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
33.6
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
The actual current consumption of this mode fluctuates during operation over a 1-s period. The value shown is an average using the
default data flash configuration.
(2)
The actual current consumption of this mode fluctuates during operation over a user-configurable period. The value shown is an average
using the default data flash configuration.
7.5 Electrical Characteristics: Supply Current
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Operating mode current
No flash programming
650(1)
μA
I(SLEEP)
Low-power storage mode current
SLEEP mode
300(2)
μA
I(SHUTDOWN)
Low-power SHUTDOWN mode current
SHUTDOWN mode
0.1
1
μA
7.6 Electrical Characteristics: I/O
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Output voltage low SMBC, SMBD,
SDATA, SCLK, SAFE, ADREN, VEN,
GPIO A, GPIO B, PWRM
IOL = 0.5 mA
0.4
V
Output voltage low LED1, LED2, LED3,
LED4, LED5
IOL = 3 mA
0.4
VOH
Output voltage high SMBC, SMBD,
SDATA, SCLK, SAFE, ADREN, VEN,
GPIO A, GPIO B, PWRM
IOH = –1 mA
VCC – 0.5
V
VIL
Input voltage low SMBC, SMBD, SDATA,
SCLK, ALERT, DISP, SMBA, GPIO A,
GPIO B, PRES, KEYIN
–0.3
0.8
V
VIH
Input voltage high SMBC, SMBD,
SDATA, SCLK, ALERT, SMBA, GPIO A,
GPIO B
2
6
V
Input voltage high DISP, PRES, KEYIN
2
VCC + 0.3
V
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com