Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBTR-R1A Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ78350DBTR-R1A
Description  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBTR-R1A Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ78350DBTR-R1A Datasheet HTML 6Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 7Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 8Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 9Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 10Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 11Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 12Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 13Page - Texas Instruments BQ78350DBTR-R1A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Input/Output
Oscillator
System Clock
Power
Regulation
AND
Management
CoolRISC
CPU
Program Memory
Data Memory
Communications
SMBus
Peripherals
and
Timers
Interrupt
Controller
Analog Front End
Delta-Sigma ADC
AND
Integrating
Coulomb Counter
DMAddr (16-bit)
Data (8-bit)
PMAddr
(15-bit)
PMInst
(22-bit)
32 kHz
System Clocks
Reset*
2
1
8
8
8
Interrupt *
Event*
SRP
SRN
VCC
VSS
MRST
RBI
COM, ALERT,
KEYIN, SAFE,
SMBD, SMBC,
VEN, DISP
GPIOA
GPIOB
LED1...5
PWRM
SMBA, ADREN,
SDA, SCL,
PRECHG,VAUX,
BAT, PRES
System I /O (13 -bit)
Wake Comparator
Event*
Copyright © 2017, Texas Instruments Incorporated
10
BQ78350-R1A
SLUSE05 – DECEMBER 2019
www.ti.com
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
The following section provides an overview of the device features. For full details on the BQ78350-R1A features,
refer to the BQ78350-R1A Technical Reference Manual (SLUUBD3).
8.3.1 Primary (1st Level) Safety Features
The BQ78350-R1A device supports a wide range of battery and system protection features that can be
configured. The primary safety features include:
•
Cell over/undervoltage protection
•
Charge and discharge overcurrent
•
Short circuit protection
•
Charge and discharge overtemperature with independent alarms and thresholds for each thermistor
8.3.2 Secondary (2nd Level) Safety Features
The secondary safety features of the BQ78350-R1A device can be used to indicate more serious faults via the
SAFE pin. This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. The secondary safety protection features include:
•
Safety overvoltage
•
Safety undervoltage
•
Safety overcurrent in charge and discharge
•
Safety overtemperature in charge and discharge
•
Charge FET and Precharge FET fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com