Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500RGPRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2500RGPRG4
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2500RGPRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2500RGPRG4 Datasheet HTML 17Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 18Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 19Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 20Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 21Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 22Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 23Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 24Page - Texas Instruments CC2500RGPRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
CC2500
SWRS040C
Page 21 of 89
Figure 6: SmartRF
 Studio [5] User Interface
10 4-wire Serial Configuration and Data Interface
CC2500 is configured via a simple 4-wire SPI-
compatible interface (SI, SO, SCLK and CSn)
where
CC2500 is the slave. This interface is
also used to read and write buffered data. All
transfers on the SPI interface are done most
significant bit first.
All transactions on the SPI interface start with
a header byte containing a R/W bit, a burst
access bit (B), and a 6-bit address (A5 – A0).
The CSn pin must be kept low during transfers
on the SPI bus. If CSn goes high during the
transfer of a header byte or during read/write
from/to a register,
the transfer will be
cancelled. The timing for the address and data
transfer on the SPI interface is shown in
Figure 7 with reference to Table 16.
When CSn is pulled low, the MCU must wait
until
CC2500 SO pin goes low before starting to
transfer the header byte. This indicates that
the crystal is running. Unless the chip was in
the SLEEP or XOFF states, the SO pin will
always go low immediately after taking CSn
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com