Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC02 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74AC02
Description  CDx4AC02 Quadruple 2-Input Positive-NOR Gates
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC02 Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC02 Datasheet HTML 1Page - Texas Instruments CD74AC02 Datasheet HTML 2Page - Texas Instruments CD74AC02 Datasheet HTML 3Page - Texas Instruments CD74AC02 Datasheet HTML 4Page - Texas Instruments CD74AC02 Datasheet HTML 5Page - Texas Instruments CD74AC02 Datasheet HTML 6Page - Texas Instruments CD74AC02 Datasheet HTML 7Page - Texas Instruments CD74AC02 Datasheet HTML 8Page - Texas Instruments CD74AC02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1Y
1A
1B
2Y
2A
2B
GND
4Y
4B
4A
3Y
3B
V
CC
3A
CD54AC02 J Package, 14-Pin CDIP; CD74AC02 N,
D or PW Package; 14-Pin PDIP, SOIC or TSSOP
(Top View)
1A
1B
2Y
2A
2B
GND
4Y
4B
4A
3Y
3B
3A
PAD
1Y
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
CD74AC02 BQA Package, 14-Pin WQFN (Top View)
Table 3-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
CDx4AC02
SOIC, PDIP, CDIP,
TSSOP, WQFN
1A
2
I
1A Input
1B
3
I
1B Input
1Y
1
O
1Y Output
2A
5
I
2A Input
2B
6
I
2B Input
2Y
4
O
2Y Output
3A
8
I
3A Input
3B
9
I
3B Input
3Y
10
O
3Y Output
4A
11
I
4A Input
4B
12
I
4B Input
4Y
13
O
4Y Output
GND
7
—
Ground Pin
NC
—
—
No Connection
VCC
14
—
Power Pin
Thermal Pad(2)
—
The thermal pad can be connected to GND or left floating. Do not connect to any
other signal or supply
(1)
I = input, O = output
(2)
BQA package only
www.ti.com
CD54AC02, CD74AC02
SCHS304E – JANUARY 2001 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC02 CD74AC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com