Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV54V Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYV54V
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV54V Datasheet(HTML) 2 Page - STMicroelectronics

  BYV54V Datasheet HTML 1Page - STMicroelectronics BYV54V Datasheet HTML 2Page - STMicroelectronics BYV54V Datasheet HTML 3Page - STMicroelectronics BYV54V Datasheet HTML 4Page - STMicroelectronics BYV54V Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYV54V / BYV541V
2/5
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Tj =25
°CVR =VRRM
50
µA
Tj = 100
°C
5mA
VF**
Tj = 125
°CIF =50 A
0.85
V
Tj = 125
°CIF = 100 A
1.00
Tj =25
°CIF = 100 A
1.15
Pulse test :
* tp = 5 ms, duty cycle < 2 %
** tp = 380
µs, duty cycle < 2 %
ELECTRICAL CHARACTERISTICS (Per diode)
STATIC CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj =25
°CIF = 0.5A
IR =1A
Irr = 0.25A
40
ns
IF =1A
VR = 30V
dIF/dt = -50A/
µs60
tfr
Tj =25°CIF =1A
VFR = 1.1 x VF
tr = 5 ns
10
ns
VFP
Tj =25
°CIF = 1A
tr = 5 ns
1.5
V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
1.2
°C/W
Total
0.85
Rth (c)
Coupling
0.1
°C/W
When the diodes 1 and 2 are used simultaneously :
Tj-Tc (diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com