Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC377SC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74AC377SC
Description  Octal D-Type Flip-Flop with Clock Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC377SC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74AC377SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 9Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 10Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 11Page - Fairchild Semiconductor 74AC377SC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC377, 74ACT377 Rev. 1.6.1
8
AC Electrical Characteristics for ACT
Note:
8. Voltage Range 5.0 is 5.0V ± 0.5V
AC Operating Requirements for ACT
Note:
9. Voltage Range 5.0 is 5.0V ± 0.5V
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
5.0
140
175
125
MHz
tPLH
Propagation Delay,
CP to Qn
5.0
3.0
6.5
9.0
2.5
10.0
ns
tPHL
Propagation Delay,
CP to Qn
5.0
3.5
7.0
10.0
2.5
11.0
ns
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
5.0
2.5
4.5
5.5
ns
tH
Hold Time, HIGH or LOW,
Dn to CP
5.0
–1.0
1.0
1.0
ns
tS
Setup Time, HIGH or LOW,
CE to CP
5.0
2.5
4.5
5.5
ns
tH
Hold Time, HIGH or LOW,
CE to CP
5.0
–1.0
1.0
1.0
ns
tW
CP Pulse Width,
HIGH or LOW
5.0
2.0
4.0
4.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
90.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com