Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720T Datasheet(PDF) 1 Page - Mersen

Part # A720T
Description  0.625kV – 15.5kV FERRULE MOUNTED FUSES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A720T Datasheet(HTML) 1 Page - Mersen

  A720T Datasheet HTML 1Page - Mersen A720T Datasheet HTML 2Page - Mersen A720T Datasheet HTML 3Page - Mersen A720T Datasheet HTML 4Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MERSEN.COM
MV 39
Mersen PT fuses are current-limiting fuses with high interrupting
rating, used for the primary winding protection of potential
transformer. They are small dimension ferrule type fuses and mount in
standard clips. Current ratings are from 0.25A to 10A.
FEATURES/BENEFITS:
• Ferrule mounting for standard clips and interchangeability with
other brands of fuses.
• Current-limiting for superior equipment protection.
• Non-venting for silent operation.
• Metal embossed catalog number and manufacturing date for lasting
identification.
• Blown-fuse indicator to give positive identification of open fuse fuse
is available on the 9F60 series.
APPLICATIONS:
• Primary protection for
potential transformers
(PT) or control power
transformers (CPT).
Length
Clip Centers
Diameter
Ferrule
Length
RATINGS:
Amp-Trap
A240T
• Volts: 2.4kVAC
• Amps: 0.5 to 5A
• IR: 50kA Sym
A480T
• Volts: 4.8kVAC
• Amps: 0.5 to 5A
• IR: 80kA Sym
A500T
• Volts: 5.0kVAC
• Amps: 0.25 to 5A
• IR: 80kA Sym
A720T
• Volts: 7.2kVAC
• Amps: 0.5 to 3A
• IR: 50kA Sym
9F60 Series EJ-1
9F60A
• Volts: .625kVAC
• Amps: 3 to 5A
• IR: 100kA Sym
9F60B
• Volts: 2.75kVAC, 5.5kVAC,
8.25kVAC, 15.5kVAC
• Amps: 0.5 to 3A
• IR: 52kA Sym, 63kA Sym, 50kA
Sym, 120kA Sym
Potential Transformer
Amp-Trap® and 9F60 Series PT Fuses
MEDIUM VOLTAGE FUSES
0.625kV – 15.5kV FERRULE MOUNTED FUSES


Similar Part No. - A720T

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A720 KEMET-A720 Datasheet
1Mb / 15P
A720 Polymer Aluminum
A720 KEMET-A720 Datasheet
748Kb / 15P
A720 Polymer Aluminum
7/26/2022
A720V107M016APE010 KEMET-A720V107M016APE010 Datasheet
1Mb / 15P
A720 Polymer Aluminum
A720V107M016APE015 KEMET-A720V107M016APE015 Datasheet
1Mb / 15P
A720 Polymer Aluminum
A720V107M016APE025 KEMET-A720V107M016APE025 Datasheet
1Mb / 15P
A720 Polymer Aluminum
More results

Similar Description - A720T

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-30A14FI COOPER-FWP-30A14FI Datasheet
1Mb / 21P
Ferrule fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
Ferrule Type, Fast-Acting Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
6x32mm high speed ferrule fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
5mm 횇 25mm Ferrule Fuses
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
Stud-mounted fuses
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
Stud-mounted fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com