Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720T3/4-1 Datasheet(PDF) 2 Page - Mersen

Part # A720T3/4-1
Description  0.625kV – 15.5kV FERRULE MOUNTED FUSES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A720T3/4-1 Datasheet(HTML) 2 Page - Mersen

  A720T3/4-1 Datasheet HTML 1Page - Mersen A720T3/4-1 Datasheet HTML 2Page - Mersen A720T3/4-1 Datasheet HTML 3Page - Mersen A720T3/4-1 Datasheet HTML 4Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MERSEN.COM
MV 40
MEDIUM VOLTAGE
FUSES
0.625kV / 2.4kV / 2.75kV FERRULE MOUNTED FUSES:
0.625kV Potential Transformer fuses – 9F60 Series, EJ-1
4.25" (108 mm) Clip Centers
2.4kV Potential Transformer fuses – Amp-Trap Series
4.00" (102 mm) Clip Centers
2.75kV Potential Transformer fuses – 9F60 Series, EJ-1
4.25" (108 mm) Clip Centers
2.75kV Potential Transformer fuses – 9F60 Series, EJ-1
6" (152 mm) Clip Centers
2.75kV Potential Transformer fuses – 9F60 Series, EJ-1
8.12" (206 mm) Clip Centers
*Use two clips per fuse
Catalog No.
Amp Rating
Indicating
Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60AAA003 3A
Yes
0.812 (20.6) 4.625 (117.5) 1.12 (28.4)
.625 kV
100kA
C08917P
–
–
9F60AAA005 5A
9F60AAA007 7A
9F60AAA010 10A
Catalog No.
Amp Rating
Indicating
Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
A240T1/2E
0.5A
No
0.812 (20.6) 4.625 (117.5) 0.625 (15.9) 2.4kV
50kA
C08917P
–
–
A240T1E
1A
A240T2E
2A
A240T5E
5A
Catalog No.
Amp Rating
Indicating
Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60AAB001 1A
Yes
0.812 (20.6) 4.625 (117.5) 1.12 (28.4)
2.75kV
52kA
C08917P
–
–
9F60AAB002 2A
Catalog No.
Amp Rating
Indicating
Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60BBB001 1A
Yes
1.562 (40)
7.375 (187)
1.31 (33.3)
2.75kV
52kA
9F61BWW460 9F61BNW450 –
9F60BBB002 2A
9F60BBB003 3A
Catalog No.
Amp Rating
Indicating
Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60BDB001 1A
Yes
1.562 (40)
9.5 (241)
1.31 (33.3)
2.75 kV
52kA
9F61BWW460 9F61BNW450 9F61ABB101
9F60BDB002 2A
9F60BDB003 3A
Potential Transformer
Amp-Trap® and 9F60 Series PT Fuses



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com