Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4BY2200 Datasheet(PDF) 2 Page - Mersen

Part # A4BY2200
Description  COUNT ON THE HIGH INTERRUPTING RATING OF OUR MOST WIDELY USED CLASS L FUSEㅍ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A4BY2200 Datasheet(HTML) 2 Page - Mersen

  A4BY2200 Datasheet HTML 1Page - Mersen A4BY2200 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EP.MERSEN.COM
PF 5
UL/CSA LISTED
POWER FUSES
P
F
C ATAL OG NUMBERS (AMPS)
DIMENSIONS
200-800A
801-2000A
3001-4000A
2001-3000A
4001-6000A
Note: For optional blown fuse trigger indicator
add “-TI” to the end of part number.
Example: A4BY1600-TI. Consult factory for availability.
A4BY200
A4BY700
A4BY1350
A4BY2500
A4BY250
A4BY750
A4BY1400
A4BY3000
A4BY300
A4BY800
A4BY1500
A4BY3001
A4BY350
A4BY801
A4BY1600
A4BY3500
A4BY400
A4BY900
A4BY1601
A4BY4000
A4BY450
A4BY1000
A4BY1800
A4BY4001
A4BY500
A4BY1100
A4BY2000
A4BY4500
A4BY600
A4BY1200
A4BY2001
A4BY5000
A4BY601
A4BY1201
A4BY2200
A4BY6000
A4BY650
REC OMMENDED FUSE BL OCK S
F OR AMP-TRAP® CLA S S L FUSES
Catalog number P48F is UL recognized
Catalog number P412F is self-certified
A variety of pole configurations and termination provisions are
available. Refer to Section FB for details.
Fuse
Ampere
Rating
Catalog Number
600V or Less
3-Pole
100-800
P48F
801-1200
P412F
Ampere
Rating
A
B
C
D
E
in
mm
in
mm
in
mm
in
mm
in
mm
200-600
8-5/8
219
2
51
5/16
8
1-5/8
41
2-13/32
61
601-800
8-5/8
219
2-1/2
63
3/8
9
2
51
2-13/32
61
801-1200
10-3/4
273
2-1/2
63
3/8
9
2
51
3-15/32
88
1201-1600
10-3/4
273
3
76
7/16
11
2-3/8
60
3-15/32
88
1601-2000
10-3/4
273
3-1/2
89
1/2
13
2-3/4
70
3-15/32
88
2001-2500
10-3/4
273
4-1/2
114
3/4
19
3-1/2
89
3-15/32
88
2501-3000
10-3/4
273
5
127
3/4
19
4
102
3-15/32
88
3001-4000
10-3/4
273
5-3/4
146
3/4
19
4-3/4
121
3-15/32
88
4001-5000
10-3/4
273
6-1/4
159
1
25
5-1/4
133
3-15/32
88
5001-6000
10-3/4
273
7-1/8
181
1
25
5-3/4
146
3-15/32
88
CLA S S L
A4BY
Safety Note: Class L fuses are dimensioned for one-way interchangeability.
A Class L fuse of any lower ampere rating can be substituted for a given Class L fuse.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com