Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720T1E-1 Datasheet(PDF) 3 Page - Mersen

Part # A720T1E-1
Description  0.625kV – 15.5kV FERRULE MOUNTED FUSES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

A720T1E-1 Datasheet(HTML) 3 Page - Mersen

  A720T1E-1 Datasheet HTML 1Page - Mersen A720T1E-1 Datasheet HTML 2Page - Mersen A720T1E-1 Datasheet HTML 3Page - Mersen A720T1E-1 Datasheet HTML 4Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MERSEN.COM
MV 41
MEDIUM VOLTAGE
FUSES
4.8kV / 5kV / 5.5kV FERRULE MOUNTED FUSES:
Catalog No.
Amp Rating
Indicating Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
A480T1/2E
0.5A
No
0.812 (20.6) 5.625 (143)
0.625 (15.9) 5.5kV
80kA
C08917P
–
–
A480T3/4E
0.75A
A480T1E
1A
A480T2E
2A
A480T3E
3A
A480T4E
4A
A480T5E
5A
4.8kV Potential Transformer fuses – Amp-Trap Series
5" (127 mm) Clip Centers
Catalog No.
Amp Rating
Indicating Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
A500T1/4E-1 0.25A
No
1.00 (25.4)
5.625 (143)
0.563 (14.3) 5.5kV
80kA
–
–
–
A500T1/2E-1 0.5A
A500T1E-1
1A
A500T2E-1
2A
A500T3E-1
3A
A500T4E-1
4A
A500T5E-1
5A
5kV Potential Transformer fuses – Amp-Trap Series
5" (127 mm) Clip Centers
Catalog No.
Amp Rating
Indicating Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60BBD905
0.5A
Yes
1.562 (40)
7.375 (187)
1.31 (33.3)
5.5 kV
80kA
9F61BWW460 9F61BNW450 –
9F60BBD001
1A
9F60BBD002
2A
9F60BBD003
3A
9F60BBN905 0.5A
No
1.562 (40)
7.375 (187)
1.31 (33.3)
5.5 kV
80kA
9F61BWW460 9F61BNW450 –
9F60BBN001
1A
9F60BBN002 2A
9F60BBN003 3A
5.5kV Potential Transformer fuses – 9F60 Series, EJ-1
6.00" (152 mm) Clip Centers
*Use two clips per fuse
Catalog No.
Amp Rating
Indicating Diameter
Inches (mm)
Length
Inches (mm)
Ferrule
Length
Inches (mm)
Max
Voltage
Max IR RMS
Sym
Spare Parts
(Clips*)
Spare Parts
(Live Parts)
Fuse Support
Indoor (EK-1)
9F60BDD905 0.5A
Yes
1.562 (40)
9.5 (241)
1.31 (33.3)
5.5 kV
63kA
9F61BWW460 9F61BNW450 9F61ABB101
9F60BDD001 1A
9F60BDD002 2A
9F60BDD003 3A
5.5kV Potential Transformer fuses – 9F60 Series, EJ-1
8.12" (206 mm) Clip Centers
Potential Transformer
Amp-Trap® and 9F60 Series PT Fuses



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com