Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX256 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX256
Description  3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX256 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX256_05 Datasheet HTML 1Page - Maxim Integrated Products MAX256_05 Datasheet HTML 2Page - Maxim Integrated Products MAX256_05 Datasheet HTML 3Page - Maxim Integrated Products MAX256_05 Datasheet HTML 4Page - Maxim Integrated Products MAX256_05 Datasheet HTML 5Page - Maxim Integrated Products MAX256_05 Datasheet HTML 6Page - Maxim Integrated Products MAX256_05 Datasheet HTML 7Page - Maxim Integrated Products MAX256_05 Datasheet HTML 8Page - Maxim Integrated Products MAX256_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3W Primary-Side Transformer H-Bridge Driver
for Isolated Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
Supply Voltage VCC..................................................-0.3V to +6V
ST1, ST2, CK_RS, MODE (Note 1)................-0.3V to VCC + 0.3V
ST1, ST2 Maximum Continuous Current (TA < +125°C) ....±0.6A
ST1, ST2 Maximum Continuous Current (TA < +100°C) ....±0.9A
ST1, ST2 Maximum Continuous Current (TA < +85°C) ......±1.0A
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 18.9mW/°C above +70°C)..............1509mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = TMIN to TMAX. Typical values are at VCC = +5.0V and TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
5.5
V
Supply Current
ICC
MODE = VCC, CK_RS unconnected (Note 2)
1.06
3mA
Disable Supply Current
ISD
MODE = GND,
CK_RS unconnected
50
µA
External Resistance Range
RS
10
kΩ
VCC = 4.5V (Note 3)
0.5
1.0
Driver Total Resistance
ROHL
VCC = 3.0V (Note 3)
0.6
1.2
Ω
Undervoltage Lockout Threshold
VUVLO
VCC rising
0.8
1.9
2.7
V
Undervoltage-Lockout-Threshold
Hysteresis
VUVLO_HST
110
mV
VCC = 4.5V
0.8
Logic-Low Level
(MODE, CK_RS)
VIL
VCC = 3.0V
0.7
V
Logic-High Level
(MODE, CK_RS)
VIH
2.0
V
Input Leakage Current
(MODE)
ILK
1µA
Internal Pulldown Resistance on
CK_RS
RS_INT
MODE = GND
165
kΩ
Thermal Shutdown
TSHDN
165
°C
Thermal Shutdown Hysteresis
TSHDN_HST
10
°C
Note 1: ST1 and ST2 are not protected against short circuits. Damage to the device may result from a short-circuit fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com