Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3871 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3871
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3871 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3871 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3871 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3871 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
500
500
400
7
20
10
5
45
2
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
TC=25°C
Ta=25
°C
2SC3871
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 500V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 5A
IC = 5A, IB = 1A
IC = 5A, IB = 1A
VCE = 10V, IC = 0.5A, f = 10MHz
IC = 5A, IB1 = 1A, IB2 = –2A,
VCC = 150V
min
400
15
8
typ
25
max
100
100
1
1.5
0.7
2
0.3
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Similar Part No. - 2SC3871

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3871 ISC-2SC3871 Datasheet
246Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC3871

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com