Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7020AJ Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN7020AJ
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7020AJ Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN7020AJ Datasheet HTML 17Page - STMicroelectronics VN7020AJ Datasheet HTML 18Page - STMicroelectronics VN7020AJ Datasheet HTML 19Page - STMicroelectronics VN7020AJ Datasheet HTML 20Page - STMicroelectronics VN7020AJ Datasheet HTML 21Page - STMicroelectronics VN7020AJ Datasheet HTML 22Page - STMicroelectronics VN7020AJ Datasheet HTML 23Page - STMicroelectronics VN7020AJ Datasheet HTML 24Page - STMicroelectronics VN7020AJ Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Figure 25. On-state resistance vs. Tcase
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ron [mOhm]
Iout = 3A
Vcc = 13V
GAPG0309131003CFT
Figure 26. On-state resistance vs. VCC
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
Vcc [V]
Ron [mOhm]
T = -40 ºC
T = 25 ºC
T = 125 ºC
T = 150 ºC
GAPG0309131007CFT
Figure 27. Turn-on voltage slope
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
(dVout/dt)On [V/µs]
Vcc = 13V
Rl = 4.3Ω
GAPG0309131009CFT
Figure 28. Turn-off voltage slope
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
(dVout/dt)Off [V/µs]
Vcc = 13V
Rl = 4.3Ω
GAPG0309131010CFT
Figure 29. Won vs. Tcase
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Won [mJ]
GAPG0309131012CFT
Figure 30. Woff vs. Tcase
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Woff [mJ]
GAPG0309131013CFT
VN7020AJ
Electrical characteristics curves
DS10831 - Rev 4
page 21/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com