Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7040AJ Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN7040AJ
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7040AJ Datasheet(HTML) 5 Page - STMicroelectronics

  VN7040AJ Datasheet HTML 1Page - STMicroelectronics VN7040AJ Datasheet HTML 2Page - STMicroelectronics VN7040AJ Datasheet HTML 3Page - STMicroelectronics VN7040AJ Datasheet HTML 4Page - STMicroelectronics VN7040AJ Datasheet HTML 5Page - STMicroelectronics VN7040AJ Datasheet HTML 6Page - STMicroelectronics VN7040AJ Datasheet HTML 7Page - STMicroelectronics VN7040AJ Datasheet HTML 8Page - STMicroelectronics VN7040AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
2
Electrical specification
Figure 3. Current and voltage conventions
VIN
OUTPUT0,1
CS
FaultRST
SEn
SEL0
INPUT0,1
IIN
ISEL
ISEn
IFR
IGND
VSENSE
VOUT
VCC
VFn
IS
IOUT
ISENSE
VCC
VSEL
VSEn
VFR
GADG2203170950PS
Note:
VF = VOUT - VCC during reverse battery condition.
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3. Absolute maximum ratings may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or any other conditions above
those indicated in the operating sections of this specification is not implied. Exposure to the conditions in table
below for extended periods may affect device reliability.
Table 3. Absolute maximum ratings
Symbol Parameter
Value
Unit
VCC
DC supply voltage
38
V
-VCC
Reverse DC supply voltage
0.3
VCCPK Maximum transient supply voltage (ISO 16750-2:2010 Test B clamped to 40 V; RL = 4 Ω)
40
V
VCCJS
Maximum jump start voltage for single pulse short-circuit protection
28
V
-IGND
DC reverse ground pin current
200
mA
IOUT
OUTPUT DC output current
Internally limited
A
-IOUT
Reverse DC output current
11
IIN
INPUT DC input current
-1 to 10
mA
ISEn
SEn DC input current
ISEL
SEL0,1 DC input current
IFR
FaultRST DC input current
VFR
FaultRST DC input voltage
7.5
V
ISENSE
MultiSense pin DC output current (VGND = VCC and VSENSE < 0 V)
10
mA
MultiSense pin DC output current in reverse (VCC < 0 V)
-20
VN7040AJ, VN7040AS
Electrical specification
DS10829 - Rev 5
page 5/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com