Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9004AJ Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN9004AJ
Description  Single channel high-side driver with Current Sense analog feedback for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9004AJ Datasheet(HTML) 5 Page - STMicroelectronics

  VN9004AJ Datasheet HTML 1Page - STMicroelectronics VN9004AJ Datasheet HTML 2Page - STMicroelectronics VN9004AJ Datasheet HTML 3Page - STMicroelectronics VN9004AJ Datasheet HTML 4Page - STMicroelectronics VN9004AJ Datasheet HTML 5Page - STMicroelectronics VN9004AJ Datasheet HTML 6Page - STMicroelectronics VN9004AJ Datasheet HTML 7Page - STMicroelectronics VN9004AJ Datasheet HTML 8Page - STMicroelectronics VN9004AJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
2
Electrical specification
Figure 3. Current and voltage conventions
GADG1605171029PS
VIN
OUTPUT0
CS
FaultRST
SEn
INPUT0
IIN
ISEn
IFR
IGND
VSENSE
VOUT
VCC
VFn
IS
IOUT
ISENSE
VCC
VSEn
VFR
Note: VFn = VOUTn - VCC during reverse battery condition.
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3. Absolute maximum ratings may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or any other conditions above
those indicated in the operating sections of this specification is not implied. Exposure to the conditions in table
below for extended periods may affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
36
V
-VCC
Reverse DC supply voltage
0.3
VCCJS
Maximum jump start voltage for single pulse short circuit protection
28
V
-IGND
DC reverse ground pin current
200
mA
IOUT
OUTPUT0 DC output current
Internally limited
A
-IOUT
Reverse DC output current
31
IIN
INPUT0 DC input current
-1 to 10
mA
ISEn
SEn DC input current
-1 to 3
mA
IFR
FaultRST DC input current
-1 to 10
mA
ISENSE
CS pin DC output current (VGND = VCC and VSENSE < 0 V)
+10
mA
CS pin DC output current in reverse (VCC < 0 V)
-20
EMAX
Maximum switching energy (single pulse) (TJstart = 150 °C)
75
mJ
VESD
Electrostatic discharge (JEDEC 22A-114F)
•
INPUT0
•
CS
•
SEn, FaultRST
•
OUTPUT0
•
VCC
2000
2000
2000
4000
4000
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
TJ
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
VN9004AJ
Electrical specification
DS12483 - Rev 5
page 5/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com