Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN9008AJ Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN9008AJ
Description  Single channel high-side driver with Current Sense analog feedback for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9008AJ Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN9008AJ Datasheet HTML 17Page - STMicroelectronics VN9008AJ Datasheet HTML 18Page - STMicroelectronics VN9008AJ Datasheet HTML 19Page - STMicroelectronics VN9008AJ Datasheet HTML 20Page - STMicroelectronics VN9008AJ Datasheet HTML 21Page - STMicroelectronics VN9008AJ Datasheet HTML 22Page - STMicroelectronics VN9008AJ Datasheet HTML 23Page - STMicroelectronics VN9008AJ Datasheet HTML 24Page - STMicroelectronics VN9008AJ Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
3
Protections
3.1
Power limitation
The basic working principle of this protection consists of an indirect measurement of the junction temperature
swing ΔTJ through the direct measurement of the spatial temperature gradient on the device surface in order to
automatically shut off the output MOSFET as soon as ΔTJ exceeds the safety level of ΔTJ_SD. According to the
voltage level on the FaultRST pin, the output MOSFET switches on and cycles with a thermal hysteresis
according to the maximum instantaneous power which can be handled (FaultRST = Low) or remain off (FaultRST
= High). The protection prevents fast thermal transient effects and, consequently, reduces thermo-mechanical
fatigue.
3.2
Thermal shutdown
In case the junction temperature of the device exceeds the maximum allowed threshold (typically 175 °C), it
automatically switches off and the diagnostic indication is triggered. According to the voltage level on the
FaultRST pin, the device switches on again as soon as its junction temperature drops to TR (FaultRST = Low) or
remains off (FaultRST = High).
3.3
Current limitation
The device is equipped with an output current limiter in order to protect the silicon as well as the other
components of the system (for example bonding wires, wiring harness, connectors, loads, etc.) from excessive
current flow. Consequently, in case of short-circuit, overload or during load power-up, the output current is
clamped to a safety level, ILIMH, by operating the output power MOSFET in the active region.
3.4
Negative voltage clamp
In case the device drives inductive load, the output voltage reaches a negative value during turn off. A negative
voltage clamp structure limits the maximum negative voltage to a certain value, VDEMAG, allowing the inductor
energy to be dissipated without damaging the device.
VN9008AJ
Protections
DS12676 - Rev 5
page 21/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com