Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7004AY Datasheet(PDF) 28 Page - STMicroelectronics

Part # VND7004AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7004AY Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VND7004AY Datasheet HTML 24Page - STMicroelectronics VND7004AY Datasheet HTML 25Page - STMicroelectronics VND7004AY Datasheet HTML 26Page - STMicroelectronics VND7004AY Datasheet HTML 27Page - STMicroelectronics VND7004AY Datasheet HTML 28Page - STMicroelectronics VND7004AY Datasheet HTML 29Page - STMicroelectronics VND7004AY Datasheet HTML 30Page - STMicroelectronics VND7004AY Datasheet HTML 31Page - STMicroelectronics VND7004AY Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Application information
VND7004AY
28/47
DocID027772 Rev 11
In addition, due to the fact that the output MOSFET turns on even in reverse battery mode,
thus providing the same low ohmic path as in regular operating conditions, no additional
power dissipation has to be considered.
4.2
Immunity against transient electrical disturbances
The immunity of the device against transient electrical emissions, conducted along the
supply lines and injected into the VCC pin, is tested in accordance with ISO7637-2:2011 (E)
and ISO 16750-2:2010.
The related function performance status classification is shown in Table 12: "ISO 7637-2 -
electrical transient conduction along supply line".
Test pulses are applied directly to DUT (Device Under Test) both in ON and OFF-state and
in accordance to ISO 7637-2:2011(E), chapter 4. The DUT is intended as the present
device only, without components and accessed through VCC and GND terminals.
Status II is defined in ISO 7637-1 Function Performance Status Classification (FPSC) as
follows: “The function does not perform as designed during the test but returns
automatically to normal operation
after the test”.
Table 12: ISO 7637-2 - electrical transient conduction along supply line
Test
Pulse
2011(E)
Test pulse severity
level with Status II
functional performance
status
Minimum
number of
pulses or test
time
Burst cycle /
pulse
repetition time
Pulse duration and
pulse generator
internal impedance
Level
US(1)
min
max
1
III
-112 V
500 pulses
0.5 s
2 ms, 10 Ω
2a(3)
III
+55 V
500 pulses
0.2 s
5 s
50 µs, 2 Ω
3a
IV
-220 V
1h
90 ms
100
ms
0.1 µs, 50 Ω
3b
IV
+150 V
1h
90 ms
100
ms
0.1 µs, 50 Ω
4 (2)
IV
-7 V
1 pulse
100 ms, 0.01
Ω
Load dump according to ISO 16750-2:2010
Test B(3)
40 V
5 pulse
1 min
400
ms, 2 Ω
Notes:
(1)US is the peak amplitude as defined for each test pulse in ISO 7637-2:2011(E), chapter 5.6.
(2)Test pulse from ISO 7637-2:2004(E).
(3)With 40 V external suppressor referred to ground (-40°C < Tj < 150 °C).
4.3
MCU I/Os protection
If a ground protection network is used and negative transients are present on the VCC line,
the control pins will be pulled negative. ST suggests to insert a resistor (Rprot) in line both to
prevent the microcontroller I/O pins from latching-up and to protect the HSD inputs.
The value of these resistors is a compromise between the leakage current of
microcontroller and the current required by the HSD I/Os (Input levels compatibility) with
the latch-up limit of microcontroller I/Os.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com