Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3V341 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3V341
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V341 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3V341 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
P-0.2
07/05/06
PI3V341/PI3V341-A
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux Video Switch
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between Y and In pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (Y, In) pins.
5. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.0
pF
COFF(IN)
In Capacitance, Switch Off
3.5
COFF(Y)
Y Capacitance, Switch Off
12
CON
Y/In Capacitance, Switch On
15.0
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current
VCC = 3.6V, VIN = GND or VCC
800
µA
Dynamic Electrical Characteristics Over the Operating Range (TA = -40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Units
XTALK
Crosstalk
See Test Diagram (10 MHz)
-60
dB
OIRR
Off-Isolation
See Test Diagram (10 MHz)
-60
BW
-3dB Bandwidth
See Test Diagram (CL = 0pF)
100
375
MHz
06-0198



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com