Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ7040AY Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNQ7040AY
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNQ7040AY_V01 Datasheet HTML 17Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 18Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 19Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 20Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 21Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 22Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 23Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 24Page - STMicroelectronics VNQ7040AY_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
VNQ7040AY
Electrical specification
DocID027406 Rev 4
21/50
Figure 12: IGND(ON) vs. Iout
Figure 13: Logic Input high level voltage
Figure 14: Logic Input low level voltage
Figure 15: High level logic input current
Figure 16: Low level logic input current
Figure 17: Logic Input hysteresis voltage
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IGND(ON) [mA]
Vcc = 13V
Iout0 = Iout1 = 2.5A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ViH, VFRH, VSELH, VSEnH [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
VilL VFRL, VSELL, VSEnL [V]
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IiH, IFRH, ISELH, ISEnH [µA]
0
0.5
1
1.5
2
2.5
3
3.5
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IiL, IFRL, ISELL, ISEnL [µA]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Vi(hyst), VFR(hyst), VSEL(hyst), VSEn(hyst) [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com