Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ7040AY Datasheet(PDF) 28 Page - STMicroelectronics

Part # VNQ7040AY
Description  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VNQ7040AY Datasheet HTML 24Page - STMicroelectronics VNQ7040AY Datasheet HTML 25Page - STMicroelectronics VNQ7040AY Datasheet HTML 26Page - STMicroelectronics VNQ7040AY Datasheet HTML 27Page - STMicroelectronics VNQ7040AY Datasheet HTML 28Page - STMicroelectronics VNQ7040AY Datasheet HTML 29Page - STMicroelectronics VNQ7040AY Datasheet HTML 30Page - STMicroelectronics VNQ7040AY Datasheet HTML 31Page - STMicroelectronics VNQ7040AY Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Electrical specification
VNQ7040AY
28/50
DocID027406 Rev 4
Figure 38: ILIMH vs. Tcase
2.3.6
Truth tables
Table 15: Truth table
Mode
Conditions
INX
FR
SEn
SELX
OUTX
MultiSense
Comments
Standby
All logic inputs low
L
L
L
L
L
Hi-Z
Low quiescent current
consumption
Normal
Nominal load
connected;
Tj < 150°C
L
X
See (1)
L
See (1)
H
L
H
See (1)
Outputs configured for
auto-restart
H
H
H
See (1)
Outputs configured for
Latch-off
Overload
Overload or short to
GND causing:
Tj > TTSD or
ΔTj > ΔTj_SD
L
X
See (1)
L
See (1)
H
L
H
See (1)
Output cycles with
temperature hysteresis
H
H
L
See (1)
Output latches-off
Under-voltage
VCC < VUSD (falling)
X
X
X
X
L
L
Hi-Z
Hi-Z
Re-start when
VCC > VUSD +
VUSDhyst (rising)
OFF-state
diagnostics
Short to VCC
L
X
See (1)
H
See (1)
Open load
L
X
H
See (1)
External pull-up
Negative output
voltage
Inductive loads turn
off
L
X
See (1)
< 0V
See (1)
Notes:
(1)Refer to Table 16: "MultiSense multiplexer addressing"
0
5
10
15
20
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Ilimh [A]
Vcc = 13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com