Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C45 Datasheet(PDF) 1 Page - ORION FANS

Part # C45
Description  FAN CORDS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

C45 Datasheet(HTML) 1 Page - ORION FANS

  C45 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FAN CORDS
Knight Electronics, Inc.
10557 Metric Drive
Dallas, TX 75243
214-340-0265
Orion Fans
Information and data is subject to
change without prior notification
Revised
11/22/2022
Model
Number
Head
Style
Number of
Heads
Lead
Length (in)
Termination
12 INCH LEAD
C45-12
45°
1
12
Blunt Cut
C90-12
90°
1
12
Blunt Cut
C180-12
Straight
1
12
Blunt Cut
C180T-12
“T”
1
12
Blunt Cut
24 INCH LEAD
C45-24
45°
1
24
Blunt Cut
C45-24P
45°
1
24
AC Plug
C45-2DC-24
45°
2
24
Blunt Cut
C45-3DC-24
45°
3
24
Blunt Cut
C45-4DC-24
45°
4
24
Blunt Cut
C45-6DC-24
45°
6
24
Blunt Cut
C45-9DC-24
45°
9
24
Blunt Cut
C90-24
90°
1
24
Blunt Cut
C180-24
Straight
1
24
Blunt Cut
C180T-24
“T”
1
24
Blunt Cut
36 INCH LEAD
C45-36
45°
1
36
Blunt Cut
C90-36
90°
1
36
Blunt Cut
C180-36
Straight
1
36
Blunt Cut
C180T-36
“T”
1
36
Blunt Cut
48 INCH LEAD
C45-48
45°
1
48
Blunt Cut
C45-48P
45°
1
48
AC Plug
C90-48
90°
1
48
Blunt Cut
C180-48
Straight
1
48
Blunt Cut
C180T-48
“T”
1
48
Blunt Cut
72 INCH LEAD
C45-72
45°
1
72
Blunt Cut
C45-72P
45°
1
72
AC Plug
C45-3DC-72P
45°
3
72
AC Plug
C90-72
90°
1
72
Blunt Cut
C90-72P
90°
1
72
AC Plug
C180-72
Straight
1
72
Blunt Cut
C180T-72
“T”
1
72
Blunt Cut
144 INCH LEAD
C45-144
45°
1
144
Blunt Cut
C45-144P
45°
1
144
AC Plug
C45-2DC-144P
45°
2
144
AC Plug
C90-144P
90°
1
144
AC Plug
HEAD
STYLE
# OF HEADS
LEAD
LENGTH
TERMINATION
C45
3DC
72
P
C45 = 45
deg head
C90 = 90
deg head
C180 =
straight
C180T =
“T” shape
Blank = 1
2DC = 2
3DC = 3
4DC = 4
6DC = 6
9DC = 9
Lead length
in inches.
12”
increment
is standard
for stock
product
Blank =
Blunt Cut
ST =
Stripped
and Tinned
P = NEMA
1-15P AC
plug added
EURO =
European
Type F Plug
SPT-1, 2x18 AWG, 105°C UL/cUL Cordage
Multi-head cords allow for
multiple connections of fans to
a single power source.
Product is available from
stock in 2, 3, 4, 6 and 9 head
configurations with lead
lengths ranging from 12”-12’.
Each head is separated by
12" of cord. Standard product
is blunt cut, but cords are
available with AC plugs on
request for an additional
charge.


Similar Part No. - C45

ManufacturerPart #DatasheetDescription
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
Compact size
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
Broad Voltage Range?봘p to 800 V
logo
Powerex Power Semicondu...
C450 POWEREX-C450 Datasheet
505Kb / 4P
Phase Control SCR 1640 Amperes Average 1600 Volts
logo
Coilcraft lnc.
C450 COILCRAFT-C450 Datasheet
100Kb / 1P
Designer’s Kits
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
124Kb / 5P
Surface Mount Package Optional
More results

Similar Description - C45

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
Alpha Wire
601B ALPHAWIRE-601B Datasheet
84Kb / 2P
125 V Jumper Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
2120H ETC2-2120H Datasheet
58Kb / 3P
international power cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
Bertech.
CGC151M BERTECH-CGC151M Datasheet
107Kb / 1P
Common Point Ground Cords
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
Low Profile Ground Cords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com