Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6390D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6390D
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390D Datasheet(HTML) 4 Page - STMicroelectronics

  L6390D Datasheet HTML 1Page - STMicroelectronics L6390D Datasheet HTML 2Page - STMicroelectronics L6390D Datasheet HTML 3Page - STMicroelectronics L6390D Datasheet HTML 4Page - STMicroelectronics L6390D Datasheet HTML 5Page - STMicroelectronics L6390D Datasheet HTML 6Page - STMicroelectronics L6390D Datasheet HTML 7Page - STMicroelectronics L6390D Datasheet HTML 8Page - STMicroelectronics L6390D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Pin connection
L6390
4/25
DocID14493 Rev 11
2
Pin connection
Figure 2. Pin connection (top view)
Table 1. Pin description
Pin no.
Pin name
Type
Function
1LIN
I
Low-side driver logic input (active low)
2SD/OD (1)
1. The circuit provides less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This allows
the omission of the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low; the gate driver assures low impedance also in SD condition.
I/O
Shutdown logic input (active low)/open drain
(comparator output)
3
HIN
I
High-side driver logic input (active high)
4
VCC
P
Lower section supply voltage
5
DT
I
Deadtime setting
6
OP-
I
Op amp inverting input
7
OPOUT
O
Op amp output
8
GND
P
Ground
9
OP+
I
Op amp non-inverting input
10
CP+
I
Comparator input
11
LVG (1)
O
Low-side driver output
12, 13
NC
Not connected
14
OUT
P
High-side (floating) common voltage
15
HVG (1)
O
High-side driver output
16
BOOT
P
Bootstrap supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com