Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

137-3844 Datasheet(PDF) 1 Page - Eclipse Magnetics Ltd

Part # 137-3844
Description  Pin vices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPSEMAGNETICS [Eclipse Magnetics Ltd]
Direct Link  https://www.eclipsemagnetics.com/
Logo ECLIPSEMAGNETICS - Eclipse Magnetics Ltd

137-3844 Datasheet(HTML) 1 Page - Eclipse Magnetics Ltd

  137-3844 Datasheet HTML 1Page - Eclipse Magnetics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Model
Capacity
(mm)
Length
(mm)
Order code
121
0 - 1.0
75
146-443
122
0.75 - 1.5
85
146-444
123
1.4 - 3.1
95
137-3841
124
3.1 - 5.00
105
137-3843
120
Set of 4
above
137-3844
Pin vices
Chuck type workholding tools for hand use designed for holding
round material. Having hollow handles, material of any length
can be handled.
485978


Similar Part No. - 137-3844

ManufacturerPart #DatasheetDescription
logo
Eclipse Magnetics Ltd
137-3856 ECLIPSEMAGNETICS-137-3856 Datasheet
42Kb / 1P
Hacksaw Blades
137-3858 ECLIPSEMAGNETICS-137-3858 Datasheet
42Kb / 1P
Hacksaw Blades
137-3859 ECLIPSEMAGNETICS-137-3859 Datasheet
42Kb / 1P
Hacksaw Blades
137-3860 ECLIPSEMAGNETICS-137-3860 Datasheet
42Kb / 1P
Hacksaw Blades
137-3861 ECLIPSEMAGNETICS-137-3861 Datasheet
42Kb / 1P
Hacksaw Blades
More results

Similar Description - 137-3844

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
National Semiconductor ...
U120A NSC-U120A Datasheet
69Kb / 1P
120 Pin Ceramic Pin Grid Array
logo
Central Technologies
CT-64993F CT-CT-64993F Datasheet
498Kb / 2P
ISDN S-Interface 6 Pin, 7 Pin, 8 Pin DIP
logo
Pomona Electronics
4741 POMONA-4741 Datasheet
51Kb / 1P
Square Pin Square Pin
logo
Altech corporation
30.359 ALTECH-30.359 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
logo
Adam Technologies, Inc.
RT4-3-SMT ADAM-TECH-RT4-3-SMT Datasheet
91Kb / 1P
SMT TYPE PIN TO PIN
logo
Xilinx, Inc
XCN07021 XILINX-XCN07021 Datasheet
48Kb / 2P
Data Sheet Pin-to-Pin
logo
Microchip Technology
AC163021 MICROCHIP-AC163021 Datasheet
455Kb / 2P
8-pin DIP pin 1
6/04
logo
NEC
UPD8355 NEC-UPD8355 Datasheet
262Kb / 6P
pin for pin compatible
logo
Japan Automatic Machine...
JC-0622-067 JAM-JC-0622-067 Datasheet
35Kb / 1P
Pin Contact Pin Contact
13.09.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com