Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3V341LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3V341LE
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V341LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3V341LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V341LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
P-0.2
07/05/06
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Pin Configuration
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (375MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable (non '-A' part only)
• Low Crosstalk (XTALK = -60dB Typ.)
• Low Off-Isolation (OIRR = -60db Typ.)
• Industrial operating temperature: -40ºC to +85ºC
• ESD Protection:
PI3V341: I/O pins only have 3kV contact protection
PI3V341-A: I/O pins only have 8kV contact protection
• Latch-up performance >250mA per JESD17
• Packaging (Pb-free & greeen available):
– 24-Pin QSOP (Q)
– 24-Pin TSSOP (L)
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux Video Switch
Description
The PI3V341 is a true bi-directional 3-Port 4:1 multiplexer/
demultiplexerwithHi-ZoutputsthatisrecommendedforbothRGB
and composite video switching applications. With the increased 4:
1 channels, multiple components, such as VCR, DVD, PC1, PC2
and etc. can be put on the video networks. The VideoSwitch can
be driven from a current output RAMDAC or voltage output com-
posite video source.
Low On-Resistance, Low Crosstalk, Low OFF Isolation and wide
bandwidth features make it ideal for video and other applications.
Industry leading advantages include a near zero propagation delay,
resulting from its low channel resistance and I/O capacitance. The
switchisbi-directionalandofferslittleornoattenuationofthehigh-
speed signals at the outputs. The device also has exceptional high
current capability which is far greater than most analog switches
offered today. The PI3V341 offers a high-performance (375 MHz),
low-cost solution to switch between video sources.
The PI3V341/-Ais an enhanced solution w/ enhanced ESD protec-
tion support, up to 8kV contact.
Applications
• Projection TV and LCD TV
• Video consumer applications
• Analog video signal processing
PI3V341, PI3V341-A
Pin Description
Pin Name
Description
IAN, IBN
Data Inputs
S0, S1
Select Inputs
EN
Enable
YA to YC
Data Outputs
GND
Ground
VCC
Power
���
���
���
���
���
��
���
��
���
��
���
���
���
���
���
���
���
��
��
��
���
���
���
���
�
�
�
�
�
�
�
�
�
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
06-0198


Similar Part No. - PI3V341LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312L PERICOM-PI3V312L Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312LE PERICOM-PI3V312LE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312Q PERICOM-PI3V312Q Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312QE PERICOM-PI3V312QE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
More results

Similar Description - PI3V341LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI5V512 PERICOM-PI5V512 Datasheet
234Kb / 8P
Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com