Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5SMDF Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # K5SMDF
Description  aSMD tweezers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

K5SMDF Datasheet(HTML) 1 Page - IDEAL-TEK SA

  K5SMDF Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
ideal-tek.com
REV.00
Product code:
K5SMDF
Product type:
SMD tweezers
Made in:
Switzerland
Description:
The K5SMDF SMD tweezer kit contains the SM103, SM107, SM108, SM111 and SM115
models.
Coating/finishing:
Sandblasted
Body material:
Anti-Magnetic Anti-Acid Stainless Steel (SA)
Picture:
Product dimensions:
OAL
185.0 mm – 7.283 inch
Width
105.0 mm – 4.134 inch
Height
12.0 mm – 0.472 inch


Similar Part No. - K5SMDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K5SMD.SA ETC2-K5SMD.SA Datasheet
3Mb / 4P
General Purpose Tweezers
More results

Similar Description - K5SMDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com