Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS368 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DPS368
Description  Pressure Sensor 2Go Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS368 Datasheet(HTML) 2 Page - Infineon Technologies AG

  DPS368 Datasheet HTML 1Page - Infineon Technologies AG DPS368 Datasheet HTML 2Page - Infineon Technologies AG DPS368 Datasheet HTML 3Page - Infineon Technologies AG DPS368 Datasheet HTML 4Page - Infineon Technologies AG DPS368 Datasheet HTML 5Page - Infineon Technologies AG DPS368 Datasheet HTML 6Page - Infineon Technologies AG DPS368 Datasheet HTML 7Page - Infineon Technologies AG DPS368 Datasheet HTML 8Page - Infineon Technologies AG DPS368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Introducing the DPS310/368 Kit2Go
2
11/2/2022
Copyright © Infineon Technologies AG 2022. All rights reserved.
Summary of features
Compatible with Arduino IDE - Fast and easy access to measurement
results
On-board DPS310/368:
− Pressure operation range: 300 –1200 hPa.
− Temperature operation range: -40 – 85 °C.
− Pressure sensor precision: ± 0.002 hPa (or ±0.02 m)
− Temperature accuracy: ± 0.5°C
− DPS368 is IPx8 certified: Temporary immersion of 50m for 1 hour
XMC1100 (ARM® Cortex™-M0 based)
On-board J-Link Lite Debugger
– Realized with XMC4200 Microcontroller
Power over Micro-USB (Plug&Play)
Sensor measurements available through I²C or SPI interface
ESD and reverse current protection
2x User LEDs
Pin Header 1x9 and 1x8 (Shield2Go form factor)
Pin out on top (head) is directly connected to the pins of the DPS
Breakable head for individual sensor usage
− After breaking, head and MCU/Debugger Peripherals can still be used
independently
Standard delivery interface mode is I²C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com