Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WL33C8V6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32WL33C8V6
Description  Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL33C8V6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32WL33C8V6 Datasheet HTML 20Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 21Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 22Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 23Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 24Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 25Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 26Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 27Page - STMicroelectronics STM32WL33C8V6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
•
Interrupt/DMA generation on the following events:
–
update: counter overflow
–
input capture
–
output comparison
–
break input (interrupt request)
•
Synchronization circuit to trigger the DAC
•
The counter can be frozen in debug mode.
3.17
Independent watchdog (IWDG)
TheSTM32WL33 integrates an embedded watchdog peripheral which offers a combination of high safety level,
timing accuracy and flexibility of use. The independent watchdog peripheral serves to detect and resolve
malfunctions due to software failure, and to trigger system reset when the counter reaches a given timeout value.
The independent watchdog (IWDG) is clocked by its own dedicated low-speed clock (LSI) and thus stays active
even if the main clock fails.
The IWDG is best suited to applications which require the watchdog to run as a totally independent process
outside the main application but have lower timing accuracy constraints. The counter can be frozen in debug
mode.
3.18
Real-time clock (RTC)
The STM32WL33xx integrates a real-time clock (RTC). It is an independent BCD timer/counter. The RTC
provides a time of day/clock/calendar with programmable alarm interrupt. RTC includes also a periodic
programmable wake-up flag with interrupt capability. The RTC provides an automatic wake-up to manage all low
power modes.
Two 32-bit registers contain seconds, minutes, hours (12- or 24-hour format), day (day of week), date (day of
month), month, and year, expressed in binary coded decimal format (BCD). The sub-second value is also
available in binary format. Compensations for 28-, 29- (leap year), 30-, and 31-day months are performed
automatically. Daylight saving time compensation can also be performed. Additional 32-bit registers contain the
programmable alarm sub seconds, seconds, minutes, hours, day, and date.
One anti-tamper detection pin with programmable filter is available. A timestamp feature can be used to save the
calendar content. This function can be triggered by an event on the timestamp pin, by a tamper event, or by a
switch to Deepstop mode.
A digital calibration circuit is available to compensate for quartz crystal inaccuracy. After power-on reset, all RTC
registers are protected against possible parasitic write accesses. As long as the supply voltage remains in the
operating range, the RTC never stops, regardless of the device status (Run mode, low power mode or under
system reset).
The RTC contains 5 backup registers which are supplied through a switch that takes power either from the
VDD12I supply (when present) or from the VDD12O pin.
The backup registers are 32-bit registers used to store 20 bytes of user application data when VDD12I power is
not present. They are not reset by a system or power reset, or when the device wakes up from Deepstop mode.
All RTC events (Alarm, WakeUp Timer, Timestamp or Tamper) can generate an interrupt and wakeup the device
from the low-power modes. The counter can be frozen in debug mode.
3.19
Inter-integrated circuit interface (I2C)
The I2C (inter-integrated circuit) bus interface handles communications between the microcontroller and the serial
I2C bus. It provides multi master capability, and controls all I2C bus-specific sequencing, protocol, arbitration, and
timing. It supports Standard-mode (Sm), Fast-mode (Fm) and Fast-mode Plus (Fm+).
It is also SMBus (system management bus) and PMBus (power management bus) compatible.
DMA can be used to reduce CPU overload. The counter can be frozen in debug mode.
STM32WL33xx
Functional overview
DS14221 - Rev 5
page 24/91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com