Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB4540 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB4540
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4540 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB4540 Datasheet HTML 1Page - Kingbor Technology Co KB4540 Datasheet HTML 2Page - Kingbor Technology Co KB4540 Datasheet HTML 3Page - Kingbor Technology Co KB4540 Datasheet HTML 4Page - Kingbor Technology Co KB4540 Datasheet HTML 5Page - Kingbor Technology Co KB4540 Datasheet HTML 6Page - Kingbor Technology Co KB4540 Datasheet HTML 7Page - Kingbor Technology Co KB4540 Datasheet HTML 8Page - Kingbor Technology Co KB4540 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
■ Programmable Charge Current Up to 800mA
■ No MOSFET, Sense Resistor or Blocking
Diode Required
■ Complete Linear Charger in SOT Package for
Single Cell Lithium-Ion Batteries
■ Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
■ Charges Single Cell Li-Ion Batteries Directly
from USB Port
■ Preset 4.2V Charge Voltage with
±1% Accuracy
■ Charge Current Monitor Output for Gas
Gauging
■ Automatic Recharge
■ Charge Status Output Pin
■ C/10 Charge Termination
■ 25
µA Supply Current in Shutdown
■ 2.9V Trickle Charge Threshold (KB4540)
■ Available Without Trickle Charge (KB4540X)
■ Soft-Start Limits Inrush Current
■ Available in SOT23-5 Package
■ Cellular Telephones, PDAs, MP3 Players
■ Charging Docks and Cradles
■ Bluetooth Applications
The KB 4540 is a complete constant-current/constant-
voltage linear charger for single cell lithium-ion batteries.
Its ThinSOT package and low external component count
make the KB4540 ideally suited for portable applications.
Furthermore, the KB4540 is specifically designed to work
within USB power specifications.
No external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to limit the
die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V,
and the charge current can be programmed externally with
a single resistor. The KB4540 automatically terminates
the charge cycle when the charge current drops to 1/10th
the programmed value after the final float voltage is
reached.
When the input supply (wall adapter or USB supply) is
removed, the KB4540 automatically enters a low current
state, dropping the battery drain current to less than 2
µA.
The KB4540 can be put into shutdown mode, reducing
the supply current to 25
µA.
Other features include charge current monitor, undervoltage
lockout, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.
500mA Single Cell Li-Ion Charger
VCC
2k
4.2V
Li-Ion
BATTERY
KB4540-4.2
1
µF
VIN
4.5V TO 6.5V
BAT
4
3
5
2
PROG
GND
500mA
FEATURES
DESCRIPTION
KB4540
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
Li-Ion Battery Charger
TYPICAL APPLICATION
I
V
R
CHG
PROG
PROG
=
X 1000
(V
=1V)
PROG
330
Ω
CHRG
1


Similar Part No. - KB4540

ManufacturerPart #DatasheetDescription
logo
France Joint
KB45X55X4 FRANCEJOINT-KB45X55X4 Datasheet
414Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - KB4540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
Li-ion Battery Charger
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com