Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTYXXA Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMTYXXA
Description  Low forward voltage TVS: Transky?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTYXXA Datasheet(HTML) 6 Page - STMicroelectronics

  SMTYXXA Datasheet HTML 1Page - STMicroelectronics SMTYXXA Datasheet HTML 2Page - STMicroelectronics SMTYXXA Datasheet HTML 3Page - STMicroelectronics SMTYXXA Datasheet HTML 4Page - STMicroelectronics SMTYXXA Datasheet HTML 5Page - STMicroelectronics SMTYXXA Datasheet HTML 6Page - STMicroelectronics SMTYXXA Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
SMTYxxA
6/7
4
Ordering information
5
Revision history
Ordering type
Marking
Package
Weight
Base quantity Delivery mode
SMTY5.0A
Y5.0
SMA
0.068g
5000
Tape and Reel
SMTY12A
Y12
SMA
0.068g
5000
Tape and Reel
Date
Revision
Changes
24-Apr-2006
1
Initial release.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com